Electronic Components Datasheet Search
  English  ▼

X  

MMRF2010N Datasheet(PDF) 6 Page - NXP Semiconductors

Part # MMRF2010N
Description  RF LDMOS Wideband Integrated Power Amplifiers
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MMRF2010N Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button MMRF2010N Datasheet HTML 2Page - NXP Semiconductors MMRF2010N Datasheet HTML 3Page - NXP Semiconductors MMRF2010N Datasheet HTML 4Page - NXP Semiconductors MMRF2010N Datasheet HTML 5Page - NXP Semiconductors MMRF2010N Datasheet HTML 6Page - NXP Semiconductors MMRF2010N Datasheet HTML 7Page - NXP Semiconductors MMRF2010N Datasheet HTML 8Page - NXP Semiconductors MMRF2010N Datasheet HTML 9Page - NXP Semiconductors MMRF2010N Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
6
RF Device Data
NXP Semiconductors
MMRF2010N MMRF2010GN
1030–1090 MHz REFERENCE CIRCUIT —1.97″ x2.76″ (5.0 cm x 7.0 cm)
Figure 5. MMRF2010N Reference Circuit Component Layout — 1030–1090 MHz
* Stacked components
Note: Component numbers C2, C3, C4, and C5 are not used.
C23
R1
R2
C26
C24
C19
C18
C20
C17
C11
C13*
C14*
C15*
C16*
C12
C21
C6
C8
C9
C7
C22
VDD2
VDD1
Q1
Rev. B
C1
C26
C25
C10
Table 8. MMRF2010N Reference Circuit Component Designations and Values — 1030–1090 MHz
Part
Description
Part Number
Manufacturer
C1, C10
56 pF Chip Capacitors
ATC600F560JT250XT
ATC
C11, C12, C17, C18,
C19
51 pF Chip Capacitors
ATC600F510JT250XT
ATC
C6, C7
10 pF Chip Capacitors
ATC600F100JT250XT
ATC
C8
6.8 pF Chip Capacitor
ATC600F6R8BT250XT
ATC
C9
2.4 pF Chip Capacitor
ATC600F2R4BT250XT
ATC
C13, C14, C15, C16,
C25, C26
10 μF Chip Capacitors
C5750X7S2A106M
TDK
C20
1 μF Chip Capacitor
GRM21BR71H105KA12L
Murata
C21, C22
8.2 pF Chip Capacitors
ATC600F8R2BT250XT
ATC
C23
2.7 pF Chip Capacitor
ATC600F2R7BT250XT
ATC
C24
1.5 pF Chip Capacitor
ATC600F1R5BT250XT
ATC
Q1
RF Power LDMOS Transistor
MMRF2010N
NXP
R1
3.9 kΩ, 1/16 W Chip Resistor
RR0816P-392-B-T5
Susumu
R2
1kΩ, 1/16 W Chip Resistor
RR0816P-102-B-T5
Susumu
PCB
Taconic RF60A 0.025″, εr =6.15
—
MTL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com