Electronic Components Datasheet Search
  English  ▼

X  

MMRF2010N Datasheet(PDF) 12 Page - NXP Semiconductors

Part # MMRF2010N
Description  RF LDMOS Wideband Integrated Power Amplifiers
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MMRF2010N Datasheet(HTML) 12 Page - NXP Semiconductors

Back Button MMRF2010N Datasheet HTML 8Page - NXP Semiconductors MMRF2010N Datasheet HTML 9Page - NXP Semiconductors MMRF2010N Datasheet HTML 10Page - NXP Semiconductors MMRF2010N Datasheet HTML 11Page - NXP Semiconductors MMRF2010N Datasheet HTML 12Page - NXP Semiconductors MMRF2010N Datasheet HTML 13Page - NXP Semiconductors MMRF2010N Datasheet HTML 14Page - NXP Semiconductors MMRF2010N Datasheet HTML 15Page - NXP Semiconductors MMRF2010N Datasheet HTML 16Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 23 page
background image
12
RF Device Data
NXP Semiconductors
MMRF2010N MMRF2010GN
1090 MHz NARROWBAND PRODUCTION TEST FIXTURE —4″ x5″ (10.2 cm x 12.7 cm)
Figure 15. MMRF2010N Narrowband Test Circuit Component Layout — 1090 MHz
Rev. 0
C7
C20
R1
C6
C5
R2
C4
C1
C2 C3
R3
R4
R5
R6
C21 R7
D1
C22
C23
C24
U1
C17
C13
C12
C11
C9
C8
C10
C19
C14
C15
C16
C18
VDD1
VDD2
VGG2
VGG1
VDD2
V3
PDET
Thermal Sense
Table 11. MMRF2010N Narrowband Test Circuit Component Designations and Values — 1090 MHz
Part
Description
Part Number
Manufacturer
C1
47 pF Chip Capacitor
ATC600F470JT250XT
ATC
C2
2.7 pF Chip Capacitor
ATC100B2R7CT500XT
ATC
C3
2.0 pF Chip Capacitor
ATC100B2R0BW500XT
ATC
C4
1 μF Chip Capacitor
GRM31MR71H105KA88L
Murata
C5,C6, C7,C11,C14
43 pF Chip Capacitors
ATC100B430JT500XT
ATC
C8, C9
10 pF Chip Capacitors
ATC100B100JT500XT
ATC
C10
4.7 pF Chip Capacitor
ATC100B4R7CT500XT
ATC
C12, C13, C15, C16, C20
10 μF Chip Capacitors
C5750X752A106M230KB
TDK
C17, C18
220 μF, 100 V Electrolytic Capacitors
MCGPR100V227M16X26-RH
Multicomp
C19
30 pF Chip Capacitor
ATC600F300JT250XT
ATC
C21
10 nF Chip Capacitor
C0805C103J5RAC-TU
Kemet
C22
0.1 μF Chip Capacitor
C1206C104K1RAC-TU
Kemet
C23
47 pF Chip Capacitor
ATC800B470JT500XT
ATC
C24
1000 pF Chip Capacitor
C2012X7R2E102K085AA
TDK
D1
Diode Schottky RF SGL 70 V SOT-23
HSMS--2800--TR1G
Avago Technologies
R1
2.2 kΩ, 1/8 W Chip Resistor
CRCW08052K20JNEA
Vishay
R2
0 Ω, 1 A Chip Resistor
CWCR08050000Z0EA
Vishay
R3
1kΩ, 1/10 W Chip Resistor
RR1220P-102-D
Susumu
R4
50 Ω, 10 W Chip Resistor
060120A25X50--2
Anaren
R5
15 kΩ, 1/10 W Chip Resistor
RR1220P-153-D
Susumu
R6
51 Ω, 1/8 W Chip Resistor
RK73B2ATTD510J
KOA Speer
R7
470 kΩ, 1/4 W Chip Resistor
CRCW1206470KFKEA
Vishay
U1
IC Detector RF PWR 3GHZ SC70--6
LT5534ESC6#TRMPBF
Linear Technology
PCB
Rogers, RO4350B, 0.020″, εr =3.66
—
MTL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com