Electronic Components Datasheet Search
  English  ▼

X  

MMRF2010N Datasheet(PDF) 7 Page - NXP Semiconductors

Part # MMRF2010N
Description  RF LDMOS Wideband Integrated Power Amplifiers
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MMRF2010N Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button MMRF2010N Datasheet HTML 3Page - NXP Semiconductors MMRF2010N Datasheet HTML 4Page - NXP Semiconductors MMRF2010N Datasheet HTML 5Page - NXP Semiconductors MMRF2010N Datasheet HTML 6Page - NXP Semiconductors MMRF2010N Datasheet HTML 7Page - NXP Semiconductors MMRF2010N Datasheet HTML 8Page - NXP Semiconductors MMRF2010N Datasheet HTML 9Page - NXP Semiconductors MMRF2010N Datasheet HTML 10Page - NXP Semiconductors MMRF2010N Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
MMRF2010N MMRF2010GN
7
RF Device Data
NXP Semiconductors
TYPICAL CHARACTERISTICS — 1030–1090 MHz
400
36
80
Pout, OUTPUT POWER (WATTS) PEAK
Figure 6. Power Gain and Drain Efficiency versus
Output Power and Frequency
200
0
Gps
ηD
50
100
150
250
300
350
1090 MHz
Figure 7. Power Gain and Drain Efficiency versus
Output Power and Frequency — Long Pulse
1030 MHz
0
Pin, INPUT POWER (WATTS) PEAK
Figure 8. Output Power versus Input Power and Frequency
0
250
150
100
50
350
300
Pin, INPUT POWER (WATTS) PEAK
Figure 9. Output Power versus Input Power and
Frequency — Long Pulse
35
34
33
32
31
30
29
28
70
60
50
40
30
20
10
0
1030 MHz
VDD =52 V,IDQ1 =80 mA, IDQ2 = 150 mA
Pulse Width = 128 μsec, Duty Cycle = 10%
1090 MHz
1030 MHz
400
36
80
Pout, OUTPUT POWER (WATTS) PEAK
200
0
Gps
ηD
50
100
150
250
300
350
1090 MHz
35
34
33
32
31
30
29
28
70
60
50
40
30
20
10
0
1030 MHz
1090 MHz
1030 MHz
VDD =52 V,IDQ1 =80 mA, IDQ2 = 150 mA
Pulse Width = 2 msec, Duty Cycle = 20%
200
0.05
0.1
0.15
0.2
0.25
0.3
VDD =52 V,IDQ1 =80 mA, IDQ2 = 150 mA
Pulse Width = 128 μsec, Duty Cycle = 10%
0
0.05
0.1
0.15
0.2
0.25
0.3
0
250
150
100
50
350
300
200
VDD =52 V,IDQ1 =80 mA, IDQ2 = 150 mA
Pulse Width = 2 msec, Duty Cycle = 20%
1090 MHz
1030 MHz
1090 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com