Electronic Components Datasheet Search
  English  ▼

X  

MMRF2010N Datasheet(PDF) 11 Page - NXP Semiconductors

Part # MMRF2010N
Description  RF LDMOS Wideband Integrated Power Amplifiers
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MMRF2010N Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button MMRF2010N Datasheet HTML 7Page - NXP Semiconductors MMRF2010N Datasheet HTML 8Page - NXP Semiconductors MMRF2010N Datasheet HTML 9Page - NXP Semiconductors MMRF2010N Datasheet HTML 10Page - NXP Semiconductors MMRF2010N Datasheet HTML 11Page - NXP Semiconductors MMRF2010N Datasheet HTML 12Page - NXP Semiconductors MMRF2010N Datasheet HTML 13Page - NXP Semiconductors MMRF2010N Datasheet HTML 14Page - NXP Semiconductors MMRF2010N Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
MMRF2010N MMRF2010GN
11
RF Device Data
NXP Semiconductors
1090 MHz NARROWBAND PRODUCTION TEST FIXTURE
Table 10. 1090 MHz Narrowband Performance (1,2) (In NXP Test Fixture, 50 ohm system) VDD =50 Vdc,IDQ1 =80 mA,
IDQ2 = 150 mA, Pout = 250 W Peak (25 W Avg.), f = 1090 MHz, 128 μsec Pulse Width, 10% Duty Cycle
Characteristic
Symbol
Min
Typ
Max
Unit
Power Gain
Gps
30.5
32.1
34.0
dB
2nd Stage Drain Efficiency
ηD
57.0
61.4
—
%
1. Part internally input matched.
2. Measurements made with device in straight lead configuration before any lead forming operation is applied. Lead forming is used for gull wing
(GN) parts.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com