Electronic Components Datasheet Search
  English  ▼

X  

MMRF2010N Datasheet(PDF) 1 Page - NXP Semiconductors

Part # MMRF2010N
Description  RF LDMOS Wideband Integrated Power Amplifiers
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MMRF2010N Datasheet(HTML) 1 Page - NXP Semiconductors

  MMRF2010N Datasheet HTML 1Page - NXP Semiconductors MMRF2010N Datasheet HTML 2Page - NXP Semiconductors MMRF2010N Datasheet HTML 3Page - NXP Semiconductors MMRF2010N Datasheet HTML 4Page - NXP Semiconductors MMRF2010N Datasheet HTML 5Page - NXP Semiconductors MMRF2010N Datasheet HTML 6Page - NXP Semiconductors MMRF2010N Datasheet HTML 7Page - NXP Semiconductors MMRF2010N Datasheet HTML 8Page - NXP Semiconductors MMRF2010N Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
MMRF2010N MMRF2010GN
1
RF Device Data
NXP Semiconductors
RF LDMOS Wideband Integrated
Power Amplifiers
The MMRF2010N is a 2 -- stage RFIC designed for IFF transponder
applications operating from 1030 to 1090 MHz. These devices are suitable for
use in pulse applications such as IFF and secondary radar transponders.
Typical Wideband Performance: (52 Vdc, TA =25°C)
Frequency
(MHz)(1)
Signal Type
Pout
(W)
Gps
(dB)
2nd Stage Eff.
(%)
1030
Pulse
(128 μsec, 10% Duty Cycle)
250 Peak
34.1
61.0
1090
33.4
61.9
1030
Pulse
(2 msec, 20% Duty Cycle)
250 Peak
33.6
61.5
1090
32.6
62.9
Narrowband Performance: (50 Vdc, TA =25°C)
Frequency
(MHz)
Signal Type
Pout
(W)
Gps
(dB)
2nd Stage Eff.
(%)
1090 (2)
Pulse
(128 μsec, 10% Duty Cycle)
250 Peak
32.1
61.4
Load Mismatch/Ruggedness
Frequency
(MHz)
Signal Type
VSWR
Pin
(W)
Test
Voltage
Result
1090 (1)
Pulse
(2 msec, 20%
Duty Cycle)
> 20:1 at all
Phase Angles
0.316 W
Peak
(3 dB
Overdrive)
52
No Device
Degradation
1. Measured in 1030–1090 MHz reference circuit.
2. Measured in 1090 MHz narrowband test circuit.
Features
• Characterized over 1030–1090 MHz
• On--chip input (50 ohm) and interstage matching
• Single ended
• Integrated ESD protection
• Low thermal resistance
• Integrated quiescent current temperature compensation with
enable/disable function (3)
Typical Applications
• Driver PA for high power pulse applications
• IFF and secondary radar
3. Refer to AN1977, Quiescent Current Thermal Tracking Circuit in the RF Integrated Circuit Family, and to AN1987, Quiescent Current Control
for the RF Integrated Circuit Device Family. Go to http://www.nxp.com/RF and search for AN1977 or AN1987.
Document Number: MMRF2010N
Rev. 1, 04/2017
NXP Semiconductors
Technical Data
1030–1090 MHz, 250 W PEAK, 50 V
RF LDMOS INTEGRATED
POWER AMPLIFIERS
MMRF2010N
MMRF2010GN
TO--270WB--14
PLASTIC
MMRF2010N
TO--270WBG--14
PLASTIC
MMRF2010GN
© 2015, 2017 NXP B.V.


Similar Part No. - MMRF2010N

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MMRF2004NB NXP-MMRF2004NB Datasheet
804Kb / 19P
RF LDMOS Wideband Integrated Power Amplifier
Rev. 0, 12/2013
MMRF2004NBR1 NXP-MMRF2004NBR1 Datasheet
804Kb / 19P
RF LDMOS Wideband Integrated Power Amplifier
Rev. 0, 12/2013
MMRF2005GN NXP-MMRF2005GN Datasheet
739Kb / 18P
RF LDMOS Wideband Integrated Power Amplifiers
Rev. 0, 8/2015
MMRF2005N NXP-MMRF2005N Datasheet
739Kb / 18P
RF LDMOS Wideband Integrated Power Amplifiers
Rev. 0, 8/2015
MMRF2006N NXP-MMRF2006N Datasheet
764Kb / 18P
RF LDMOS Wideband Integrated Power Amplifier
Rev. 0, 7/2014
More results

Similar Description - MMRF2010N

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MW4IC2230 MOTOROLA-MW4IC2230 Datasheet
660Kb / 12P
RF LDMOS Wideband Integrated Power Amplifiers
logo
Freescale Semiconductor...
MW7IC3825NR1 FREESCALE-MW7IC3825NR1 Datasheet
808Kb / 23P
RF LDMOS Wideband Integrated Power Amplifiers
MDE6IC7120NR1 FREESCALE-MDE6IC7120NR1 Datasheet
512Kb / 18P
RF LDMOS Wideband Integrated Power Amplifiers
MW7IC2725NR1 FREESCALE-MW7IC2725NR1_10 Datasheet
960Kb / 24P
RF LDMOS Wideband Integrated Power Amplifiers
MW7IC3825NR1 FREESCALE-MW7IC3825NR1_10 Datasheet
1Mb / 23P
RF LDMOS Wideband Integrated Power Amplifiers
MD7IC2251N FREESCALE-MD7IC2251N Datasheet
722Kb / 17P
RF LDMOS Wideband Integrated Power Amplifiers
logo
NXP Semiconductors
A2I25H060N NXP-A2I25H060N Datasheet
1Mb / 31P
RF LDMOS Wideband Integrated Power Amplifiers
Rev. 0, 1/2016
MDE6IC7120N NXP-MDE6IC7120N Datasheet
576Kb / 18P
RF LDMOS Wideband Integrated Power Amplifiers
Rev. 0, 10/2009
MW4IC2020N NXP-MW4IC2020N Datasheet
693Kb / 16P
RF LDMOS Wideband Integrated Power Amplifiers
Rev. 9, 5/2006
MW4IC2230 NXP-MW4IC2230 Datasheet
767Kb / 16P
RF LDMOS Wideband Integrated Power Amplifiers
Rev. 5, 5/2006
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com