Electronic Components Datasheet Search
  English  ▼

X  

MMRF2010N Datasheet(PDF) 5 Page - NXP Semiconductors

Part # MMRF2010N
Description  RF LDMOS Wideband Integrated Power Amplifiers
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MMRF2010N Datasheet(HTML) 5 Page - NXP Semiconductors

  MMRF2010N Datasheet HTML 1Page - NXP Semiconductors MMRF2010N Datasheet HTML 2Page - NXP Semiconductors MMRF2010N Datasheet HTML 3Page - NXP Semiconductors MMRF2010N Datasheet HTML 4Page - NXP Semiconductors MMRF2010N Datasheet HTML 5Page - NXP Semiconductors MMRF2010N Datasheet HTML 6Page - NXP Semiconductors MMRF2010N Datasheet HTML 7Page - NXP Semiconductors MMRF2010N Datasheet HTML 8Page - NXP Semiconductors MMRF2010N Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
MMRF2010N MMRF2010GN
5
RF Device Data
NXP Semiconductors
1030–1090 MHz REFERENCE CIRCUIT —1.97″ x2.76″ (5.0 cm x 7.0 cm)
Table 7. 1030–1090 MHz Performance (In NXP Reference Circuit, 50 ohm system) VDD =52 Vdc, IDQ1 =80 mA, IDQ2 = 150 mA
Frequency
(MHz)
Signal Type
Gps
(dB)
2nd Stage Eff.
(%)
Pout
(W)
1030
Pulse
(128 μsec, 10% Duty Cycle)
34.1
61.0
250 Peak
1090
33.4
61.9
1030
Pulse
(2 msec, 20% Duty Cycle)
33.6
61.5
250 Peak
1090
32.6
62.9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com