Electronic Components Datasheet Search
  English  ▼

X  

MMRF2010N Datasheet(PDF) 14 Page - NXP Semiconductors

Part # MMRF2010N
Description  RF LDMOS Wideband Integrated Power Amplifiers
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MMRF2010N Datasheet(HTML) 14 Page - NXP Semiconductors

Back Button MMRF2010N Datasheet HTML 10Page - NXP Semiconductors MMRF2010N Datasheet HTML 11Page - NXP Semiconductors MMRF2010N Datasheet HTML 12Page - NXP Semiconductors MMRF2010N Datasheet HTML 13Page - NXP Semiconductors MMRF2010N Datasheet HTML 14Page - NXP Semiconductors MMRF2010N Datasheet HTML 15Page - NXP Semiconductors MMRF2010N Datasheet HTML 16Page - NXP Semiconductors MMRF2010N Datasheet HTML 17Page - NXP Semiconductors MMRF2010N Datasheet HTML 18Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 23 page
background image
14
RF Device Data
NXP Semiconductors
MMRF2010N MMRF2010GN
1090 MHz NARROWBAND PRODUCTION TEST FIXTURE
f
MHz
Zsource
Ω
Zload
Ω
1090
13.6 – j24.4
1.3 + j0.4
Zsource = Test circuit impedance as measured from
gate to ground.
Zload = Test circuit impedance as measured from
drain to ground.
Figure 20. Narrowband Series Equivalent Source and Load Impedance — 1090 MHz
Input
Matching
Network
Device
Under
Test
Output
Matching
Network
Zsource
Zload
50 Ω
50 Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com