Electronic Components Datasheet Search
  English  ▼

X  

MMRF2010N Datasheet(PDF) 13 Page - NXP Semiconductors

Part # MMRF2010N
Description  RF LDMOS Wideband Integrated Power Amplifiers
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MMRF2010N Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button MMRF2010N Datasheet HTML 9Page - NXP Semiconductors MMRF2010N Datasheet HTML 10Page - NXP Semiconductors MMRF2010N Datasheet HTML 11Page - NXP Semiconductors MMRF2010N Datasheet HTML 12Page - NXP Semiconductors MMRF2010N Datasheet HTML 13Page - NXP Semiconductors MMRF2010N Datasheet HTML 14Page - NXP Semiconductors MMRF2010N Datasheet HTML 15Page - NXP Semiconductors MMRF2010N Datasheet HTML 16Page - NXP Semiconductors MMRF2010N Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
MMRF2010N MMRF2010GN
13
RF Device Data
NXP Semiconductors
TYPICAL CHARACTERISTICS — 1090 MHz
NARROWBAND PRODUCTION TEST FIXTURE
Pin, INPUT POWER (dBm) PEAK
51
49
47
30
52
50
45
48
53
28
26
24
18
22
20
54
56
55
14
1090
265
284
f
(MHz)
P1dB
(W)
P3dB
(W)
Figure 16. Output Power versus Input Power
VDD =50 Vdc,IDQ1 =80 mA, IDQ2 = 150 mA
f = 1090 MHz, Pulse Width = 128 μsec, 10% Duty Cycle
16
46
31
29
Pout, OUTPUT POWER (WATTS) PEAK
Figure 17. Power Gain and Drain Efficiency
versus Output Power and Quiescent Current
30
28
32
10
100
500
10
60
50
40
30
20
33
70
34
ηD
Gps
VDD =50 Vdc,IDQ1 =80 mA, IDQ2 = 150 mA
f = 1090 MHz, Pulse Width = 128 μsec, 10% Duty Cycle
33
31
29
32
30
28
34
10
100
500
10
80
70
60
50
40
30
20
35
90
Pout, OUTPUT POWER (WATTS) PEAK
Figure 18. Power Gain and Drain Efficiency
versus Output Power
25_C
TC = –55_C
85_C
85_C
25_C
–55_C
Gps
27
ηD
VDD =50 Vdc,IDQ1 =80 mA, IDQ2 = 150 mA
f = 1090 MHz, Pulse Width = 128 μsec
10% Duty Cycle
0
Pout, OUTPUT POWER (WATTS) PEAK
Figure 19. Power Gain versus Output Power
and Drain--Source Voltage
32
31
28
27
26
150
200
250
300
30
29
VDD =30 V
50
100
25
35 V
33
350
40 V
45 V
50 V
IDQ1 =80 mA, IDQ2 = 150 mA
f = 1090 MHz, Pulse Width = 128 μsec
10% Duty Cycle



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com