Electronic Components Datasheet Search
  English  ▼

X  

CDCM7005 Datasheet(PDF) 34 Page - Texas Instruments

Click here to check the latest version.
Part # CDCM7005
Description  3.3-V HIGH PERFORMANCE CLOCK SYNCHRONIZER AND JITTER CLEANER
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDCM7005 Datasheet(HTML) 34 Page - Texas Instruments

Back Button CDCM7005 Datasheet HTML 30Page - Texas Instruments CDCM7005 Datasheet HTML 31Page - Texas Instruments CDCM7005 Datasheet HTML 32Page - Texas Instruments CDCM7005 Datasheet HTML 33Page - Texas Instruments CDCM7005 Datasheet HTML 34Page - Texas Instruments CDCM7005 Datasheet HTML 35Page - Texas Instruments CDCM7005 Datasheet HTML 36Page - Texas Instruments CDCM7005 Datasheet HTML 37Page - Texas Instruments CDCM7005 Datasheet HTML 38Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 40 page
background image
www.ti.com
In-Band Noise Performance
APPLICATION INFORMATION ON THE CLOCK GENERATION FOR INTERPOLATING DACS
B0064-01
LO1
(PLL)
16-Bit
DAC
16-Bit
DAC
DAC5687
FIR
FIR
DDC
DUC
RF
I
I
Q
Q
14-Bit
ADC
ADS5423
3.84 MHz
VCXO
491.52 MHz
61.44MHz
491.52 MHz
122.88 MHz
122.88 MHz
Duplexer
LO1
IF1
LNA
90
0
S
PA
FIR
FIR
GC5016
GC5016
THS4509
TRF3750
(PLL)
TRF3702
CDCM7005
CDCM7005
SCAS793A – JUNE 2005 – REVISED JUNE 2005
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
pnin-band In-band phase noise test conditions
–95
dBc/Hz
Y = 900 MHz, fPFD = 400 kHz, Loop
pnf400
Phase noise floor at 400 kHz fPFD, in-band
–162
dBc/Hz
BW = 27 kHz, Feedback Divider = 8 x 282
noise – 20log(feedback div) (1)
(N x P), fREF_IN = 10 MHz; M-Divider = 25, ICP =
pnf1
Phase noise floor at 1 Hz fPFD, in-band
–218
dBc/Hz
3 mA
noise – 20log(feedback div) – 10log(fPFD)(2)
(1)
The synthesizer phase noise floor can be estimated by measuring the in-band noise at the output of the CDCM7005 and subtracting
20log(Feedback Divider) N (in case of CDCM7005 it is the N+P divider). The calculated phase noise floor still based on the PFD update
frequency, in the above specification, is 400 kHz.
(2)
The in-band noise can also be normalized to a comparison frequency of 1 Hz. The resulting phase noise floor is: pnfloor = PNmeasured
- 20log(N+P) - 10log(fPFD)
where:
pnNfloor = normalized phase noise floor in dBc/Hz
PNmeasured = in-band phase noise measurement in dBc/Hz
20log(N+P) = divider ratio of feedback loop
10log(fPFD) = PFD update frequency in Hz
WITH THE CDCM7005
The CDCM7005, with its specified phase noise performance, is an ideal sampling clock generator for high speed
ADCs and DACs. The CDCM7005 is especially of interest for the new high speed DACs, which have integrated
interpolation filter. Such DACs achieve sampling rates up to 500 MSPS. This high data rate can typically not be
supported from the digital side driving the DAC (e.g., DUC, digital up-converter). Therefore, one approach to
interface the DUC to the DAC is the integration of an interpolation filter within the DAC to reduce the data rate at
the digital input of the DAC. In 3G systems, for example, a common sampling rate of a high speed DAC is
491.52 MSPS. With a four times interpolation of the digital data, the required input data rate results into
122.88 MSPS, which can be supported easily from the digital side. The DUC GC5016, which supports up to four
WCDMA carriers, provides a maximum output data rate of 150 MSPS. An example is shown in Figure 26, where
the CDCM7005 supplies the clock signal for the DUC/DDC and ADC/DAC.
Figure 26. CDCM7005 as a Clock Generator for High Speed ADCs and DACs
34



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com