Electronic Components Datasheet Search
  English  ▼

X  

CDCM7005 Datasheet(PDF) 26 Page - Texas Instruments

Click here to check the latest version.
Part # CDCM7005
Description  3.3-V HIGH PERFORMANCE CLOCK SYNCHRONIZER AND JITTER CLEANER
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDCM7005 Datasheet(HTML) 26 Page - Texas Instruments

Back Button CDCM7005 Datasheet HTML 22Page - Texas Instruments CDCM7005 Datasheet HTML 23Page - Texas Instruments CDCM7005 Datasheet HTML 24Page - Texas Instruments CDCM7005 Datasheet HTML 25Page - Texas Instruments CDCM7005 Datasheet HTML 26Page - Texas Instruments CDCM7005 Datasheet HTML 27Page - Texas Instruments CDCM7005 Datasheet HTML 28Page - Texas Instruments CDCM7005 Datasheet HTML 29Page - Texas Instruments CDCM7005 Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 40 page
background image
www.ti.com
T0063-01
PRI_REF
SEC_REF
Internal
Reference Clock
Yx Output
PRI_SEC_CLK
1
1
2
2
3
4
Primary Clock
Secondary Clock
Primary Clock
PLL Lock for Analog and Digital Detect
T0064-01
t
(lockdetect)
Selected REF at PFD
(clock fed through M Divider and M Delay)
VCXO_IN at PFD
(clock fed through N Divider and N Delay)
CDCM7005
SCAS793A – JUNE 2005 – REVISED JUNE 2005
Figure 16. Phase Approach of Output to New Reference Clock
The CDCM7005 supports two PLL lock indications: the digital lock signal or the analog lock signal. Both signals
indicate logic high-level at PLL_LOCK if the PLL locks according the selected lock condition.
PLL Lock/Out-of-Lock Definition
The PLL is locked (set high), if the rising edge of the Reference Clock (PRI_REF or SEC_REF clock) and
Feedback Clock (VCXO_IN clock) at the PFD (phase frequency detect) are inside a predefined lock detect
window, or if no cycle-slip appears, for a pre-defined number of successive clock cycles.
The PLL is out-of-lock (set low), if the rising edge of the Reference Clock (PRI_REF or SEC_REF clock) and
Feedback Clock (VCXO_IN clock) at the PFD are outside the predefined lock detect window or if a cycle-slip
appears.
Both, the lock detect window and the number of successive clock cycles are user definable (Word 3, Bit 2-6).
Figure 17. Lock Detect Window
The lock detect window describes the maximum allowed time difference for lock detect between the rising edge
of PRI_REF or SEC_REF and VCXO_IN. The time difference is detected at the phase frequency detector. The
rising edge of PRI_REF or SEC_REF is taken as reference. The rising edge of VCXO_IN is outside the lock
detect window if there is a phase displacement of more than +0.5
× t
(lockdetect) or -0.5 x t(lockdetect).
Digital vs Analog Lock
Figure 18 and Figure 19 show the circuit for the digital and analog lock. The analog lock operates with an
external load capacitor.
26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com