Electronic Components Datasheet Search
  English  ▼

X  

CDCM7005 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # CDCM7005
Description  3.3-V HIGH PERFORMANCE CLOCK SYNCHRONIZER AND JITTER CLEANER
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDCM7005 Datasheet(HTML) 8 Page - Texas Instruments

Back Button CDCM7005 Datasheet HTML 4Page - Texas Instruments CDCM7005 Datasheet HTML 5Page - Texas Instruments CDCM7005 Datasheet HTML 6Page - Texas Instruments CDCM7005 Datasheet HTML 7Page - Texas Instruments CDCM7005 Datasheet HTML 8Page - Texas Instruments CDCM7005 Datasheet HTML 9Page - Texas Instruments CDCM7005 Datasheet HTML 10Page - Texas Instruments CDCM7005 Datasheet HTML 11Page - Texas Instruments CDCM7005 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 40 page
background image
www.ti.com
CDCM7005
SCAS793A – JUNE 2005 – REVISED JUNE 2005
DEVICE CHARACTERISTICS (continued)
over recommended operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP(1)
MAX
UNIT
LVCMOS input current for PD, RESET,
IIH
HOLD, REF_SEL, PRI_REF,
VI = VCC, VCC = 3.6 V
5
µA
SEC_REF, (see (4))
LVCMOS input current for PD, RESET,
IIL
HOLD, REF_SEL, PRI_REF,
VI = 0 V, VCC = 3.6 V
–15
–35
µA
SEC_REF, (see (4))
VCC = min to max,
VCC–0.1
IOH = –100 µA
High-level output voltage for LVCMOS
VOH
V
outputs
VCC = 3 V, IOH = –6 mA
2.4
VCC = 3 V, IOH = –12 mA
2
VCC = min to max,
0.1
IOL = 100 µA
Low-level output voltage for LVCMOS
VOL
V
outputs
VCC = 3 V, IOL = 6 mA
0.5
VCC = 3 V, IOL = 12 mA
0.8
IOH
High-level output current
VCC = 3.3 V, VO = 1.65 V
–30
mA
IOL
Low-level output current
VCC = 3.3 V, VO = 1.65 V
33
mA
VREF_IN = VCC/2, Y = VCC/2,
tpho
Phase offset (REF_IN to Y output)(5)
1.8
ns
see Figure 11, Load = 10 pF
tsk(p)
LVCMOS pulse skew, see Figure 10
Crosspoint to VCC/2 load, see Figure 12
150
ps
tpd(LH)
Crosspoint to VCC/2,
Propagation delay from VCXO_IN to
Load = 10 pF, see Figure 12 (PLL
2
2.5
3
ns
Yx, see Figure 10
tpd(HL)
bypass mode)
All outputs have the same divider ratio
55
LVCMOS single-ended output skew,
tsk(o)
ps
see (6) and Figure 10
Outputs have different divider ratios
70
Duty cycle
LVCMOS
VCC/2 to VCC/2
49%
51%
20% to 80% of swing (load
tslew-rate
Output rise/fall slew rate
2.4
3.5
V/ns
see Figure 12)
LVPECL
fclk
Output frequency, see (7) and Figure 5
Load, see Figure 13
0
1500
MHz
II
LVPECL input current
VI = 0 V or VCC
±20
µA
VOH
LVPECL high-level output voltage
Load, See Figure 13
VCC–1.18
VCC–0.81
V
VOL
LVPECL low-level output voltage
Load, See Figure 13
VCC–2
VCC–1.55
V
|VOD|
Differential output voltage
See Figure 9 and load, see Figure 13
500
mV
VREF_IN = VCC/2 to cross point of Y,
tpho
Phase offset (REF_IN to Y output)(6)
–200
100
ps
see Figure 11
tpd(LH)
Propagation delay time, VCXO_IN to
Cross point-to-cross point, load
340
490
640
ps
Yx, see Figure 10
see Figure 13
tpd(HL)
Cross point-to-cross point, load
tsk(p)
LVPECL pulse skew, see Figure 10
10
ps
see Figure 13
Load see Figure 13, all outputs have the
20
same divider ratio
tsk(o)
LVPECL output skew(6)
ps
Load see Figure 13, outputs have
50
different divider ratios
tr / tf
Rise and fall time
20% to 80% of VOUTPP, see Figure 9
120
170
220
ps
Input capacitance at VCXO_IN,
CI
1.5
pF
VCXO_IN
LVCMOS-TO-LVPECL
Output skew between LVCMOS and
Cross point to VCC/2; load,
tsk(P_C)
1.7
2
2.4
ns
LVPECL outputs, see (8) and Figure 10
see Figure 12 and Figure 13
(4)
These inputs have an internal 150-k
Ω pullup resistor.
(5)
This is valid only for the same frequency of REF_IN clock and Y output clock. It can be adjusted by the SPI controller (reference delay M
and VCXO delay N).
(6)
The tsk(o) specification is only valid for equal loading of all outputs.
(7)
Operating the LVCMOS or LVPECL output above the maximum frequency will not cause a malfunction to the device, but the output
signal swing may no longer meet the output specification.
(8)
The phase of LVCMOS is lagging in reference to the phase of LVPECL.
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com