Electronic Components Datasheet Search
  English  ▼

X  

CDCM7005 Datasheet(PDF) 31 Page - Texas Instruments

Click here to check the latest version.
Part # CDCM7005
Description  3.3-V HIGH PERFORMANCE CLOCK SYNCHRONIZER AND JITTER CLEANER
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDCM7005 Datasheet(HTML) 31 Page - Texas Instruments

Back Button CDCM7005 Datasheet HTML 27Page - Texas Instruments CDCM7005 Datasheet HTML 28Page - Texas Instruments CDCM7005 Datasheet HTML 29Page - Texas Instruments CDCM7005 Datasheet HTML 30Page - Texas Instruments CDCM7005 Datasheet HTML 31Page - Texas Instruments CDCM7005 Datasheet HTML 32Page - Texas Instruments CDCM7005 Datasheet HTML 33Page - Texas Instruments CDCM7005 Datasheet HTML 34Page - Texas Instruments CDCM7005 Datasheet HTML 35Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 40 page
background image
www.ti.com
Charge Pump Current Direction
T0076-01
PFD Pulse
Width Delay
PFD Pulse
Width Delay
0 V
V
CC
PRI_REF or SEC_REF
Clock Fed Through the
M Divider and Delay
VCXO_IN Clock Fed Through
the N Divider and Delay
CP_DIR (Bit 2 of Word 2 = 0,
Default State)
CP_DIR (Bit 2 of Word 2 = 1)
V
(Internal Signal)
(PFD1)
V
(Internal Signal)
(PFD2)
CDCM7005
SCAS793A – JUNE 2005 – REVISED JUNE 2005
The direction of the charge pump (CP) current pulse can be changed by the SPI register (word 2, bit 2). It
determines in which direction the CP current regulates (reference clock leads to feedback clock). Most
applications use the positive CP output current (power-up condition) because of the use of a passive loop filter.
The negative CP current is useful when using an active loop filter concept with inverting operational amplifier.
Figure 23 shows the internal PFD signal and the corresponding CP current.
NOTE: The purpose of the PFD pluse width delay is to improve spurious suppression.
Figure 23. Charge Pump Current Direction (VCXO and VCO Support)
31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com