Electronic Components Datasheet Search
  English  ▼

X  

CDCM7005 Datasheet(PDF) 27 Page - Texas Instruments

Click here to check the latest version.
Part # CDCM7005
Description  3.3-V HIGH PERFORMANCE CLOCK SYNCHRONIZER AND JITTER CLEANER
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDCM7005 Datasheet(HTML) 27 Page - Texas Instruments

Back Button CDCM7005 Datasheet HTML 23Page - Texas Instruments CDCM7005 Datasheet HTML 24Page - Texas Instruments CDCM7005 Datasheet HTML 25Page - Texas Instruments CDCM7005 Datasheet HTML 26Page - Texas Instruments CDCM7005 Datasheet HTML 27Page - Texas Instruments CDCM7005 Datasheet HTML 28Page - Texas Instruments CDCM7005 Datasheet HTML 29Page - Texas Instruments CDCM7005 Datasheet HTML 30Page - Texas Instruments CDCM7005 Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 40 page
background image
www.ti.com
S0080-01
Power_Down
Lock_Out
Lock_In
80kW
5pF
PLL_LOCK
Output
Lock
t
Digital Lock Detection
V
= 0.55 V
high
CC
V
= 0.35 V
low
CC
Out-of-Lock
V
Out
S0081-01
Power_Down
Lock_Out
Lock_In
100 A
(Lock)
m
100 A
(Out-of-Lock)
m
80kW
5pF
C
PLL_LOCK
Output
t
V
= 0.55 V
high
CC
V
CC
V
= 0.35 V
low
CC
V
Out
V
= 1/C
I
t
Out
´ ´
Example:
for I = 110 A, C = 10nF, V
= 3.3 V,
and V
= V
= 0.55
Vcc = 1.8V
t = 164 s
m
´
³
m
CC
high
out
Differential LVPECL Outputs and Single-Ended LVCMOS Outputs
CDCM7005
SCAS793A – JUNE 2005 – REVISED JUNE 2005
When selecting the digital PLL lock option, PLL_LOCK will possibly jitter several times between lock and out of
lock until a stable lock is detected. A single low-to-high step can be reached with a wide lock detect window and
high number of successive clock cycles. PLL_LOCK returns to out of lock if just one cycle is outside the lock
detect window or a cycle slip occurs.
Figure 18. Digital Lock-Detect
When selecting the analog PLL Lock option, the high-pulses load the external capacitor via the internal 110-µA
current source until logic high-level is reached. Therefore, more time is needed to detect logic high level, but
jittering of PLL_LOCK will be suppressed in case of digital lock. The time PLL_LOCK needs to return to out of
lock depends on the level of VOut, when the current source starts to unload the external capacitor.
Figure 19. Analog Lock-Detect
The CDCM7005 supports up to 5
× LVPECL outputs or 10 × LVCMOS/LVTTL outputs or any combination of
these. The single-ended LVCMOS outputs are arranged in pairs which mean both outputs of a LVCMOS pair
have the same frequency but can separately be disabled or inverted. The power up output arrangement is five
LVPECL (default setting).
27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com