Electronic Components Datasheet Search
  English  ▼

X  

CDCM7005 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # CDCM7005
Description  3.3-V HIGH PERFORMANCE CLOCK SYNCHRONIZER AND JITTER CLEANER
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDCM7005 Datasheet(HTML) 9 Page - Texas Instruments

Back Button CDCM7005 Datasheet HTML 5Page - Texas Instruments CDCM7005 Datasheet HTML 6Page - Texas Instruments CDCM7005 Datasheet HTML 7Page - Texas Instruments CDCM7005 Datasheet HTML 8Page - Texas Instruments CDCM7005 Datasheet HTML 9Page - Texas Instruments CDCM7005 Datasheet HTML 10Page - Texas Instruments CDCM7005 Datasheet HTML 11Page - Texas Instruments CDCM7005 Datasheet HTML 12Page - Texas Instruments CDCM7005 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 40 page
background image
www.ti.com
TYPICAL CHARACTERISTICS
VCXO_IN Input Frequency − MHz
50
70
90
110
130
150
170
190
210
230
250
50
250
450
650
850
1050
1250
1450
1650
1850
2050
VCC = 3.3 V
TA = 25°C
All Output Pairs Active (4 div-by-8 / 1 div-by-3)
All Output Pairs Active (div-by-1)
All Output Pairs Active (div-by-8)
∆ for div-by-2/4/8/16
One Output Pair Active (div-by-8)
∆ For 1 Output Pair
∆ For div-by-3/6
G001
No Output Active
CDCM7005
SCAS793A – JUNE 2005 – REVISED JUNE 2005
DEVICE CHARACTERISTICS (continued)
over recommended operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP(1)
MAX
UNIT
PLL ANALOG LOCK
IOH
High-level output current
VCC = 3.6 V, VO = 1.8 V
–110
µA
IOL
Low-level output current
VCC = 3.6 V, VO = 1.8 V
110
µA
High-impedance state output current
IOZH LOCK
VO = 3.6 V (PD is set low)
45
65
µA
for PLL LOCK output(9)
High-impedance state output current
IOZL LOCK
VO = 0 V (PD is set low)
±5
µA
for PLL LOCK output(9)
VIT+
Positive input threshold voltage
VCC = min to max
VCC×0.55
V
VIT–
Negative input threshold voltage
VCC = min to max
VCC×0.35
V
PHASE DETECTOR
fCPmax
Maximum charge pump frequency
Default PFD pulse width delay
100
MHz
CHARGE PUMP
Charge pump sink/source current
ICP
VCP = 0.5 VCC_CP
±0.2
±3
mA
range (10)
ICP3St
Charge pump 3-state current
0.5 V < VCP < VCC_CP– 0.5 V
10
nA
VCP = 0.5 VCC_CP, internal reference
10%
resistor, SPI default settings
ICPA
ICP absolute accuracy
VCP = 0.5 VCC_CP, external reference
resistor 12 k
Ω (1%) at I_REF_CP, SPI
5%
default settings
0.5 V < VCP < VCC_CP– 0.5 V, SPI default
ICPM
Sink/source current matching
2.5%
settings
IVCPM
ICP vs VCP matching
0.5 V < VCP < VCC_CP– 0.5 V
5%
(9)
Lock output has an 80-k
Ω pulldown resistor.
(10) Defined by SPI settings.
LVPECL SUPPLY CURRENT
vs
NUMBER OF ACTIVE OUTPUTS
A.
If div-by-2/4/8/16 is activated for one or more outputs, '
∆ for div-by-2/4/8/16' has to be added to I
CC of div-by-1. If
div-by-3 or div-by-6 is activated, '
∆ for div-by-2/4/8/16' and '∆ for div-by3/6' has to be added to I
CC of div-by-1.
Figure 1.
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com