Electronic Components Datasheet Search
  English  ▼

X  

CDCM7005 Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # CDCM7005
Description  3.3-V HIGH PERFORMANCE CLOCK SYNCHRONIZER AND JITTER CLEANER
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDCM7005 Datasheet(HTML) 12 Page - Texas Instruments

Back Button CDCM7005 Datasheet HTML 8Page - Texas Instruments CDCM7005 Datasheet HTML 9Page - Texas Instruments CDCM7005 Datasheet HTML 10Page - Texas Instruments CDCM7005 Datasheet HTML 11Page - Texas Instruments CDCM7005 Datasheet HTML 12Page - Texas Instruments CDCM7005 Datasheet HTML 13Page - Texas Instruments CDCM7005 Datasheet HTML 14Page - Texas Instruments CDCM7005 Datasheet HTML 15Page - Texas Instruments CDCM7005 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 40 page
background image
www.ti.com
f − Frequency − MHz
1.4
1.6
1.8
2.0
2.2
2.4
2.6
2.8
3.0
3.2
3.4
3.6
50
100
150
200
250
300
350
400
450
500
G006
TA = 25°C
Load = 5 pF (See Figure 12)
VCC = 3 V
VCC = 3.6 V
VCC = 3.3 V
f − Frequency − MHz
1.4
1.6
1.8
2.0
2.2
2.4
2.6
2.8
3.0
3.2
3.4
3.6
50
100
150
200
250
300
350
400
450
500
G007
VCC = 3 V
VCC = 3.6 V
VCC = 3.3 V
TA = 25°C
Load = 10 pF (See Figure 12)
CDCM7005
SCAS793A – JUNE 2005 – REVISED JUNE 2005
TYPICAL CHARACTERISTICS (continued)
LVCMOS OUTPUT SWING
vs
FREQUENCY
Figure 6.
LVCMOS OUTPUT SWING
vs
FREQUENCY
Figure 7.
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com