Electronic Components Datasheet Search
  English  ▼

X  

CDCM7005 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # CDCM7005
Description  3.3-V HIGH PERFORMANCE CLOCK SYNCHRONIZER AND JITTER CLEANER
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDCM7005 Datasheet(HTML) 5 Page - Texas Instruments

  CDCM7005 Datasheet HTML 1Page - Texas Instruments CDCM7005 Datasheet HTML 2Page - Texas Instruments CDCM7005 Datasheet HTML 3Page - Texas Instruments CDCM7005 Datasheet HTML 4Page - Texas Instruments CDCM7005 Datasheet HTML 5Page - Texas Instruments CDCM7005 Datasheet HTML 6Page - Texas Instruments CDCM7005 Datasheet HTML 7Page - Texas Instruments CDCM7005 Datasheet HTML 8Page - Texas Instruments CDCM7005 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 40 page
background image
www.ti.com
ABSOLUTE MAXIMUM RATINGS
CDCM7005
SCAS793A – JUNE 2005 – REVISED JUNE 2005
Table 1. PIN ASSINGMENT (continued)
TERMINAL
I/O
DESCRIPTION
NAME
BGA
QFN
Bias voltage output to be used to bias unused complementary input VCXO_IN for
VBB
C1
40
O
single ended signals. The output of VBB is VCC– 1.3 V. The output current is
limited to about 1.5 mA.
This output can be programmed (SPI) to provide either the STATUS_REF or
PRI_SEC_CLK information. This pin is set high if one of the STATUS conditions is
valid. STATUS_REF is the default setting.
STATUS_REF or
In case of STATUS_REF, the LVCMOS output provides the Status of the
C8
23
O
PRI_SEC_CLK
Reference Clock. If a reference clock with a frequency above 2 MHz is provided to
PRI_REF or SEC_REF STATUS_REF will be set high.
In case of PRI_SEC_CLK, the LVCMOS output indicates whether the primary
clock [high] or the secondary clock [low] is selected.
This LVCMOS output can be programmed (SPI) to provide either the
STATUS_VCXO information or serve as current path for the charge pump (CP).
STATUS_VCXO is the default setting.
In case of STATUS_VCXO, the LVCMOS output provides the status of the VCXO
STATUS_VCXO
D8
22
O
input (frequencies above 2 MHz are interpreted as valid clock; active high).
or I_REF_CP
In case of I_REF_CP, it provides the current path for the external reference
resistor (12 k
Ω± 1%) to support an accurate charge pump current, optional. Do not
use any capacitor across this resistor to prevent noise coupling via this node. If
the internal 12 k
Ω is selected (default setting), this pin can be left open.
LVCMOS output for PLL_LOCK information. This pin is set high if the PLL is in
lock (see feature description). This output can be programmed to be digital lock
detect or analog lock detect (see feature description).
The PLL is locked (set high), if the rising edge either of PRI_REF or SEC_REF
clock and VCXO_IN clock at the phase frequency detector (PFD) are inside the
lock detect window for a predetermined number of successive clock cycles.
PLL_LOCK
A8
25
I/O
The PLL is out-of-lock (set low), if the rising edge of either the PRI_REF or
SEC_REF) clock and VCXO_IN clock at the PFD are outside the lock detect
window or if a cycle-slip occurs.
Both, the lock detect window and the number of successive clock cycles are user
definable (via SPI).
Y0A:Y0B
F1, G1,
46, 47,
The outputs of the CDCM7005 are user definable and can be any combination of
Y1A:Y1B
H2, H3,
3, 4,
up to five LVPECL outputs or up to 10 LVCMOS outputs. The outputs are
Y2A:Y2B
H4, H5,
7, 8,
O
selectable via SPI (Word 1, Bit 2-6). The power-up setting is all outputs are
Y3A:Y3B
H6, H7,
11,12,
LVPECL.
Y4A:Y4B
G8, F8
16, 17
over operating free-air temperature range (unless otherwise noted)(1)
VALUE / UNIT
VCC, AVCC, VCC_CP
Supply voltage range (2)
–0.5 V to 4.6 V
VI
Input voltage range (3)
–0.5 V to VCC + 0.5 V
VO
Output voltage range (3)
–0.5 V to VCC + 0.5 V
IOUT
Output current for LVPECL/LVCMOS outputs
±50 mA
(0 < VO < VCC)
IIN
Input current (VI < 0, VI > VCC)
±20 mA
Tstg
Storage temperature range
–65
°C to 150°C
TJ
Maximum junction temperature
125
°C
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute–maximum–rated conditions for extended periods may affect device reliability.
(2)
All supply voltages have to be supplied at the same time.
(3)
The input and output negative voltage ratings may be exceeded if the input and output clamp-current ratings are observed.
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com