Electronic Components Datasheet Search
  English  ▼

X  

AD9545BCPZ Datasheet(PDF) 46 Page - Analog Devices

Part # AD9545BCPZ
Description  Quad Input, 10-Output, Dual DPLL/IEEE 1588 1 pps Synchronizer and Jitter Cleaner
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9545BCPZ Datasheet(HTML) 46 Page - Analog Devices

Back Button AD9545BCPZ Datasheet HTML 42Page - Analog Devices AD9545BCPZ Datasheet HTML 43Page - Analog Devices AD9545BCPZ Datasheet HTML 44Page - Analog Devices AD9545BCPZ Datasheet HTML 45Page - Analog Devices AD9545BCPZ Datasheet HTML 46Page - Analog Devices AD9545BCPZ Datasheet HTML 47Page - Analog Devices AD9545BCPZ Datasheet HTML 48Page - Analog Devices AD9545BCPZ Datasheet HTML 49Page - Analog Devices AD9545BCPZ Datasheet HTML 50Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 157 page
background image
AD9545
Data Sheet
Rev. A | Page 46 of 157
begins counting down. Upon expiration of the timer, valid = 1
(see Figure 43) indicates the reference is available for use. The
valid status is via the REFx valid bit (where x is A, AA, B, or BB)
in Bit D4 of Register 0x3005 to Register 0x3008.
The user programs the validation timer period associated with
the corresponding reference via tVALID (see Figure 43). Note that
changing tVALID resets the validation timer, which invalidates a
previously valid reference but does not fault the reference
(because OOT status is unaffected by resetting the validation
timer).
It is important to note the validation timer stops counting down
whenever the reference status becomes faulted (OOT = 1, see
Figure 43). A subsequent start event causes the timer to
reinitiate a countdown from the programmed tVALID value.
Therefore, the reference does not attain valid status unless the
reference remains in tolerance for the full duration of the
validation timer.
The user has the option to force the validation timer to jump to
the end of its timing function by programming timeout = 1 (see
the Reference Monitor Controlssection and Figure 43). In this
way, if a faulted reference has returned to a nonfaulted state and
is awaiting validation, the user can override the timer if
necessary, and immediately bring the reference to a valid status.
Programming timeout = 1 has no effect on a faulted reference.
REFERENCE MONITOR RESET
The reference monitor associated with a particular reference
resets under certain conditions. A reset restarts the period
estimation process for the reference monitor. The following list
indicates the conditions that cause the reference monitor to
reset (also shown in Figure 43):
•
When the system clock status indicates unstable
•
When the user changes: the mode of the input receiver, the
R-divider value, the tREF value, the ΔtREF value, the tTOL
value, or the tHYS value
•
Optionally, when the reference experiences a significant
phase step as determined by the DPLL (assuming the user
enables phase step detection via the enable step detect
reference fault bit in Bit D7 of Register 0x2105 and
Register 0x2205).
The last item requires that the user program a nonzero value in
the Profile x phase step threshold bit field. This bit field occupies a
block of consecutive register addresses with each block starting
at Address 0x080A, Address 0x082A, Address 0x084A,
Address 0x086A, Address 0x088A, Address 0x08AA, Address
0x08CA, and Address 0x08EA. See the Phase Step Limit section
for details regarding the phase step limit feature.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com