Electronic Components Datasheet Search
  English  ▼

X  

AD9545BCPZ Datasheet(PDF) 67 Page - Analog Devices

Part # AD9545BCPZ
Description  Quad Input, 10-Output, Dual DPLL/IEEE 1588 1 pps Synchronizer and Jitter Cleaner
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9545BCPZ Datasheet(HTML) 67 Page - Analog Devices

Back Button AD9545BCPZ Datasheet HTML 63Page - Analog Devices AD9545BCPZ Datasheet HTML 64Page - Analog Devices AD9545BCPZ Datasheet HTML 65Page - Analog Devices AD9545BCPZ Datasheet HTML 66Page - Analog Devices AD9545BCPZ Datasheet HTML 67Page - Analog Devices AD9545BCPZ Datasheet HTML 68Page - Analog Devices AD9545BCPZ Datasheet HTML 69Page - Analog Devices AD9545BCPZ Datasheet HTML 70Page - Analog Devices AD9545BCPZ Datasheet HTML 71Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 157 page
background image
Data Sheet
AD9545
Rev. A | Page 67 of 157
Because the SNCx signal identifies the modulation base edge,
the user can synchronize the DPLL N-divider with a specific
sync edge per Figure 60. To specify a sync edge for the N-divider
use the 2-bit unsigned feedback divider sync edge bit field in
Bits[D1:D0] of Register 0x10CE and Register 0x14CE. The
value of the feedback divider sync edge bit field (0, 1, 2, or 3)
corresponds to the desired sync edge in Figure 60.
There is an additional constraint on the value of Qxy
modulation counter (see the Modulation Period section) when
using the Q divider in the DPLL feedback path. The constraint
relates to the value of Feedback divider sync edge as follows:
Qxy Modulation Counter ≥ Feedback Divider Sync Edge + 7
MODULATION TRIGGER
By default, when modulation is in effect for a given Q divider,
the modulator applies the modulation immediately. However, it
is also possible to delay modulation until triggered. Enable this
feature for a particular modulator via the enable Qxy N-shot
modulator bit (where x is 0 or 1 and y is A, B, or C) in Bit D3 of
Register 0x10CF to Register 0x10D1 and Register 0x14CF to
Register 0x14D0. Logic 0 (default) disables the triggering
feature, whereas Logic 1 enables it.
When enabled, the modulators use the trigger and mode signals
originating within the N-shot/PRBS controller (see Figure 48).
The mode behavior differs slightly from that of the N-
shot/PRBS controller. Specifically, when N-shot request mode =
0, instead of the modulator continuously generating periodic
modulation events, it generates only five periodic modulation
events and then stops. Conversely, when N-shot request mode =
1, the modulator continuously generates modulation events
when the N-shot request signal (see Figure 48) is Logic 1. This
behavior allows synchronous enable/disable of modulation
events without losing synchronization during modulation.
Q0A
Q0AA
Q0B
TRIGGER
SIGNAL
RETIMED
TRIGGER
N-SHOT OUT0AP
N-SHOT OUT0AN
N-SHOT OUT0BP
TIME
3 OUTPUT CYCLE LATENCY
MINIMUM 48 Q-DIVIDER INPUT HALF CYCLES
Figure 61. Trigger Retiming (with Q0AA as the Retiming Q Divider)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com