Electronic Components Datasheet Search
  English  ▼

X  

AD9545BCPZ Datasheet(PDF) 85 Page - Analog Devices

Part # AD9545BCPZ
Description  Quad Input, 10-Output, Dual DPLL/IEEE 1588 1 pps Synchronizer and Jitter Cleaner
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9545BCPZ Datasheet(HTML) 85 Page - Analog Devices

Back Button AD9545BCPZ Datasheet HTML 81Page - Analog Devices AD9545BCPZ Datasheet HTML 82Page - Analog Devices AD9545BCPZ Datasheet HTML 83Page - Analog Devices AD9545BCPZ Datasheet HTML 84Page - Analog Devices AD9545BCPZ Datasheet HTML 85Page - Analog Devices AD9545BCPZ Datasheet HTML 86Page - Analog Devices AD9545BCPZ Datasheet HTML 87Page - Analog Devices AD9545BCPZ Datasheet HTML 88Page - Analog Devices AD9545BCPZ Datasheet HTML 89Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 157 page
background image
Data Sheet
AD9545
Rev. A | Page 85 of 157
value from 0 through 7, corresponding to a particular source
profile).
The water level in the tub is what the lock detector uses to
determine the lock and unlock conditions. When the water level
is below the low water mark (−1025), the lock detector indicates
an unlock condition. Conversely, when the water level is above
the high water mark (+1024), the lock detector indicates a lock
condition. When the water level is between the marks, the lock
detector holds its last condition. Figure 73 shows this concept
with an overlay of an example of the instantaneous water level
(vertical) vs. time (horizontal) and the resulting lock/unlock
states.
0
2047
–2048
1024
–1025
LOCK LEVEL
UNLOCK LEVEL
LOCKED
UNLOCKED
PREVIOUS
STATE
RATE
DRAIN
RATE
Figure 73. Lock Detector Diagram
During any given PFD phase error sample, the lock detector
either adds water with the fill bucket or removes water with the
drain bucket (one or the other, but not both). The decision of
whether to add or remove water depends on the threshold level
specified by the user in the 24-bit unsigned Profile x phase lock
threshold bit field. The bit field value is the desired threshold in
picoseconds. Thus, the phase lock threshold extends from 0 ps
to 16.7 µs and represents the phase error at the output of the
PFD. Though the programming range supports 0 ps as a lower
limit, in practice, the minimum value must be greater than 50 ps.
The phase lock detector compares the absolute value of each
phase error sample at the output of the PFD to the programmed
phase threshold value. If the absolute value of the phase error
sample is less than or equal to the programmed phase threshold
value, the detector control logic adds one fill bucket into the
tub. Otherwise, it removes one drain bucket from the tub. Note
that it is the magnitude, relative to the phase threshold value,
that determines whether to fill or drain the bucket, and not the
polarity of the phase error sample.
An exception to the fill/drain process occurs when the phase
slew limiter is active. When the phase slew limiter is actively in
the limiting process, the lock detector blocks fill events, allowing
only drain events to occur.
When more filling is taking place than draining, the water level
in the tub eventually rises above the high water mark (+1024),
which causes the lock detector to indicate lock. When more
draining is taking place than filling, the water level in the tub
eventually falls below the low water mark (−1024), which causes
the lock detector to indicate unlock. The ability to specify the
threshold level, fill rate, and drain rate enables the user to tailor
the operation of the lock detector to the statistics of the timing
jitter associated with the input reference signal. Note that, for
debug purposes, the user can make the fill or drain rate zero to
force the lock detector to indicate a lock or unlock state,
respectively.
Whenever the AD9545 enters freerun or holdover mode, the
DPLL phase lock detector indicates an unlocked state.
For more information on how to choose the appropriate phase
lock threshold, fill rate, and drain rate values for a given
application, refer to the AN-1061 Application Note.
DPLL Frequency Lock Detector
The operation of the frequency lock detector is identical to that
of the phase lock detector, with two exceptions:
•
The fill or drain decision is based on the period deviation
between the reference of the DPLL and the feedback
signals, instead of the phase error at the output of the PFD.
•
The frequency lock detector is unaffected by the state of
the phase slew limiter.
The frequency lock detector provides the user with a dynamic
status bit, DPLLx frequency lock (where x is 0 or 1), located in
Bit D2 of Register 0x3100 and Register 0x3200. However,
because this bit is dynamic in nature, the recommendation is to
use the IRQ mechanism for frequency lock indication (see
below).
The DPLLx frequency locked and DPLLx frequency unlocked
bit pairs (where x is 0 or 1) indicate when the DPLL frequency
lock detector changes states via Register 0x3010, Bits[3:2] and
Register 0x3015, Bits[3:2]. The DPLLx frequency locked bit
latches to Logic 1 when the DPLL changes state from not
frequency locked to frequency locked. The DPLLx frequency
unlocked bit latches to Logic 1 when the DPLL changes state
from frequency locked to not frequency locked. Because these
are latched bits, they may represent a condition that is no longer
true. Therefore, the user must clear these bits (via the Register
0x200B, Bits[3:2] and Register 0x2010, Bits[3:2]) to obtain
visibility of subsequent state transitions of the frequency lock
detector (see the Interrupt Request (IRQ) section).
The frequency lock detector uses the 24-bit unsigned Profile x
frequency lock threshold bit field specified in units of picoseconds
(where x is a value from 0 through 7 corresponding to a particular
source profile) in registers starting with Address 0x0805,
Address 0x0825, Address 0x0845, Address 0x0865, Address
0x0885, Address 0x08A5, Address 0x08C5, and Address 0x08E5.
Thus, the frequency threshold value extends from 0 ps to
16.7 µs. It represents the absolute value of the difference in
period between the reference and feedback signals at the input
to the DPLL.
Profile x frequency lock threshold = |1/fREF − 1/fFB|/10−12
where:
fREF is the frequency of the signal at the DPLL PFD reference input.
fFB is the frequency of the signal at the DPLL PFD feedback input.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com