Electronic Components Datasheet Search
  English  ▼

X  

AD9545BCPZ Datasheet(PDF) 70 Page - Analog Devices

Part # AD9545BCPZ
Description  Quad Input, 10-Output, Dual DPLL/IEEE 1588 1 pps Synchronizer and Jitter Cleaner
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9545BCPZ Datasheet(HTML) 70 Page - Analog Devices

Back Button AD9545BCPZ Datasheet HTML 66Page - Analog Devices AD9545BCPZ Datasheet HTML 67Page - Analog Devices AD9545BCPZ Datasheet HTML 68Page - Analog Devices AD9545BCPZ Datasheet HTML 69Page - Analog Devices AD9545BCPZ Datasheet HTML 70Page - Analog Devices AD9545BCPZ Datasheet HTML 71Page - Analog Devices AD9545BCPZ Datasheet HTML 72Page - Analog Devices AD9545BCPZ Datasheet HTML 73Page - Analog Devices AD9545BCPZ Datasheet HTML 74Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 157 page
background image
AD9545
Data Sheet
Rev. A | Page 70 of 157
FREQUENCY TRANSLATION LOOPS
FREQUENCY TRANSLATION LOOPS OVERVIEW
The frequency translation capability of the AD9545 comprises
two independent dual PLL channels (Channel 0 and Channel 1).
Each PLL channel comprises a digital PLL (DPLL) followed by
an analog PLL (APLL). Both channels have programmable
reference dividers at the input and programmable channel
dividers at the output. A block diagram of a single channel
appears in Figure 62.
The DPLL channels (DPLL0 and DPLL1) are capable of very
low loop bandwidths (µHz) well suited for jitter cleanup
applications involving the 1 pulse per second (pps) input signals
that originate from GPS and GNSS receivers. The DPLL is of
the fractional-N variety, but is capable of integer-N operation
when the fractional part is set to zero.
The DPLL provides an output frequency of up to approximately
400 MHz. The DPLL also plays a role in the automatic reference
switching capability of the AD9545 and its ability to provide
hitless and phase buildout functionality.
The APLL is of the integer-N variety with an integrated VCO
and provides the high frequency upconversion capability of the
cascaded DPLL/APLL pair. Unlike the two DPLLs, which are
identical, the two APLLs differ slightly. Specifically, they have
nonoverlapping VCO ranges with APLL0 spanning 2.424 GHz
to 3.232 GHz and APLL1 spanning 3.232 GHz to 4.04 GHz.
TRANSLATION PROFILES
DPLL0 and DPLL1 each have six dedicated sections in the
register map allocated for translation profiles (Translation
Profile 0.0 through Translation Profile 0.5 for DPLL0 and
Translation Profile 1.0 through Translation Profile 1.5 for
DPLL1). Each translation profile consists of the following
programmable parameters:
•
Profile enable
•
Profile priority
•
Translation mode selection
•
Input reference source selection
•
N-divider value (integer, fraction, and modulus)
•
DPLL loop filter
•
Reference and feedback TDC tagging options
•
DPLL fast acquisition (FACQ) options
When a particular profile is in effect, the DPLL uses the
parameters as specified in that profile. That is, the DPLL has no
memory with regard to switching between profiles.
The translation profiles control only the frequency translation
of the DPLL. The overall frequency translation of the channel
depends on the following:
•
N-divider value (depending on the translation mode)
•
M-divider value (via the APLL0 and APLL1 controls)
•
R-divider value (via the REFx controls)
•
Q divider value (via the distribution controls).
Each divider type has a dedicated section in this data sheet with
detailed information on the use and programming of the
divider values.
REFx
REFy
TDC
TDC
INTERNAL ZERO-DELAY
OUTxyN/
OUTxyP
REFX
TDC
EXTERNAL ZERO DELAY
MAY INCLUDE ADDITIONAL FREQUENCY TRANSLATION
AD9545
R
REFY
TDC
R
AUX
NCO 0/NCO 1
TDC
TDC
OTHER DPLL
FEEDBACK
TDC
TDC
DIGITAL CROSS
POINT MUX
fS
TIME STAMP PROCESSOR,
DIGITAL LOOP FILTER,
TUNING WORD PROCESSOR
AND NCO
FEEDBACK
TDC
PFD
AND
LOOP
FILTER
N-DIVIDER
TDC
OUTPUT
DISTRIBUTION
PHASE
BUILD
OUT
DPLL
N + FRAC/MOD
MUX
SYSTEM
CLOCK
LFx
XOA XOB
Q
APLL
0
1
VCO
Figure 62. Frequency Translation Loop Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com