Electronic Components Datasheet Search
  English  ▼

X  

AD9545BCPZ Datasheet(PDF) 69 Page - Analog Devices

Part # AD9545BCPZ
Description  Quad Input, 10-Output, Dual DPLL/IEEE 1588 1 pps Synchronizer and Jitter Cleaner
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9545BCPZ Datasheet(HTML) 69 Page - Analog Devices

Back Button AD9545BCPZ Datasheet HTML 65Page - Analog Devices AD9545BCPZ Datasheet HTML 66Page - Analog Devices AD9545BCPZ Datasheet HTML 67Page - Analog Devices AD9545BCPZ Datasheet HTML 68Page - Analog Devices AD9545BCPZ Datasheet HTML 69Page - Analog Devices AD9545BCPZ Datasheet HTML 70Page - Analog Devices AD9545BCPZ Datasheet HTML 71Page - Analog Devices AD9545BCPZ Datasheet HTML 72Page - Analog Devices AD9545BCPZ Datasheet HTML 73Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 157 page
background image
Data Sheet
AD9545
Rev. A | Page 69 of 157
Q Divider Clock Source Selection section) for a subset of the
device outputs.
AUTOSYNC TRIGGER
Although the AD9545 provides the user with the ability to
synchronize the distribution outputs via a manual sync trigger,
it is not a recommended action. Instead, the AD945 provides an
autosync trigger feature that applies only after meeting certain
conditions, which overcomes potential usability issues
associated with manual trigger scenarios. In fact, the immediate
autosync mode (see Table 37) is an effective replacement for
manual sync triggering.
The user selects the desired autosync trigger conditions via the
2-bit autosync mode bit field in Bits[D1:D0] of Register 0x10DB
and Register 0x14DB. Autosync control applies to PLL Channel 0
and PLL Channel 1, independently. Table 37 shows the
selectable autosync conditions.
Table 37. Autosync Trigger Selections
Autosync Mode Bit Field Value
Autosync Trigger Condition
0
Disabled (default)
1
Immediate
2
On DPLL phase lock
3
On DPLL frequency lock
Autosync enables the AD9545 to execute a distribution
synchronization sequence without any user intervention. The
nonzero autosync selections specify conditions for generating
an autosync trigger.
When autosync mode = 0 (default), only manual or
autoreconfiguration triggers are possible. When autosync mode
≠ 0, the autosync trigger feature is in effect.
When autosync is active (autosync mode ≠ 0), nothing happens
until the system clock PLL indicates locked. The autosync
mechanism then enters an autosync trigger detection loop
awaiting the specified autosync event. When autosync mode =
1, the autosync event constitutes the indication of locked status
by the system clock PLL. When autosync mode = 2, the autosync
event constitutes an indication of phase lock by the DPLL.
When autosync mode = 3, the autosync event constitutes an
indication of frequency lock.
Note that after the autosync trigger occurs for a particular PLL
channel, the autosync trigger generation sequence terminates.
Subsequent autosync sequences on the same PLL channel are
not possible unless the user sets the associated Clear Channel x
autosync one-shot bit (Logic 0 by default) in Bit D0 of Register
0x2107 or Register 0x2207, or by updating the Autosync mode
bits in Bits[D1:D0] of Register 0x10DB or Register 0x14DB.
REFERENCE SYNCHRONIZATION
Output clock synchronization establishes a coincident starting
time among output clocks (usually on a per PLL channel basis).
Output clock synchronization, however, is generally asynchronous
with respect to input reference clock signal edges. The reference
synchronization feature allows the user to make a rising edge of
the input reference clock an additional gating item for synchroniza-
tion of the output clocks. Reference synchronization establishs a
small fixed phase relationship (~30 ns) between the input and
output clocks (assuming the output clock frequency is an
integer multiple of the input reference frequency). Establishing
an initial fixed phase relationship between the input and output
clocks minimizes the DPLL acquisition time by making it
deterministic rather than completely random.
The reference synchronization feature requires a hitless profile
be active when reference synchronization is in effect. The
reference synchronization feature does not function with a
phase buildout profile.
Like most of the other synchronization features, reference
synchronization applies on a per PLL channel basis. To enable
the reference synchronization feature, use the enable DPLLx
reference sync bit (where x is 0 or 1) in Bit D2 of Register 0x10DB
and Register 0x14DB. Setting the enable DPLLx reference sync
bit (Logic 0 by default) enables reference synchronization of
those outputs associated with the corresponding PLL channel.
When using reference synchronization in conjunction with
autosync mode (that is, autosync mode = 1, 2, or 3), be sure to
program enable DPLLx reference sync = 1 and assert the I/O_
UPDATE bit prior to programming autosync mode = 1, 2, or 3.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com