Electronic Components Datasheet Search
  English  ▼

X  

AD9545BCPZ Datasheet(PDF) 62 Page - Analog Devices

Part # AD9545BCPZ
Description  Quad Input, 10-Output, Dual DPLL/IEEE 1588 1 pps Synchronizer and Jitter Cleaner
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9545BCPZ Datasheet(HTML) 62 Page - Analog Devices

Back Button AD9545BCPZ Datasheet HTML 58Page - Analog Devices AD9545BCPZ Datasheet HTML 59Page - Analog Devices AD9545BCPZ Datasheet HTML 60Page - Analog Devices AD9545BCPZ Datasheet HTML 61Page - Analog Devices AD9545BCPZ Datasheet HTML 62Page - Analog Devices AD9545BCPZ Datasheet HTML 63Page - Analog Devices AD9545BCPZ Datasheet HTML 64Page - Analog Devices AD9545BCPZ Datasheet HTML 65Page - Analog Devices AD9545BCPZ Datasheet HTML 66Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 157 page
background image
AD9545
Data Sheet
Rev. A | Page 62 of 157
Q DIVIDER
OUTPUT
CLOCK
OUTPUT
Q DIVIDER PERIOD (PER ITS INPUT CLOCK AND DIVIDE RATIO)
CLOCK SEGMENT = 6
GAP SEGMENT = 10
TRIGGER
TIME
PULSES
STALL
ABSENT PULSES
END OF
PREVIOUS
BURST
END OF
FINAL
BURST
Figure 53. Stalling a Periodic Gapped Clock Signal
N-Shot Triggering
The N-shot trigger signal originates from one of two sources:
•
N-shot request Channel x bit
•
External signal applied via the Mx pins
Whether using the N-shot request Channel x bit or an external
Mx pin signal, a Logic 1 constitutes a trigger event. In general,
the user must apply Logic 1 to trigger the N-shot generators,
then return the trigger source to Logic 0. Otherwise, holding
the trigger source in a Logic 1 state indefinitely may lead to
unwanted retriggering of the N-shot generators on subsequent
distribution synchronization events (see the Distribution
Output Clock Synchronization section).
The N-shot generators respond to the trigger signal based on
the N-shot request mode bit. As described in the N-Shot
Pattern Generation section, this bit makes the trigger input of
the N-shot generators edge or level sensitive for generating burst
or periodic gapped clock signals, respectively (per Figure 51 and
Figure 52).
The trigger mechanism for delivering a trigger signal to the
N-shot generators appears in the upper left section of Figure 48.
The N-shot generators support two triggering methods: direct
and retimed.
To select the desired triggering method, use the enable N-shot
retime bit in Register 0x10D6, Bit 0, and Register 0x14D6, Bit 0.
Logic 0 (default) selects direct, whereas Logic 1 selects retimed.
For the direct triggering method, the trigger signal applies
directly to the trigger input of the N-shot generators. Thus, the
trigger signal is the trigger event.
Note that in the following paragraphs, the terms slowest and
fastest appear in reference to the output clock signal of the
Q dividers. Slowest and fastest refers to the largest and smallest
Qxy phase value, respectively (see the Initial Phase Offset section).
For the retimed triggering method, the trigger signal routes to
the N-shot retime block instead of directly to the N-shot
generators. The rising edge of the trigger signal initializes the
retiming block such that it waits for the rising edge of the
slowest of all the Q dividers enabled for N-shot operation (user
specified). The trigger signal, qualified by the slowest Q divider
rising edge, constitutes a retimed trigger event. The retiming
block sends a trigger signal to the N-shot generators coincident
with the retimed trigger event as shown in Figure 61.
The retimed trigger event occurs with a latency of three rising
edges of the slowest Q divider. Furthermore, when using the
retimed trigger mechanism, the associated Q dividers must have
a divide ratio of at least 32. A minimum setup time is required
between the retiming output (slowest) and the subsequent
N-shot enabled output (fastest), which is 48 Q divider input
half-cycles.
The retimed trigger is on the rising edge of the slowest N-shot
enabled Q divider to accommodate multiple N-shot generators
producing multiple output clocks. Using the rising edge of the
slowest Q divider output as a retiming mark ensures that all N-
shot generators begin clocking with the fastest output being the
earliest of the group, even when the Q dividers have different
programmed phase offsets and regardless of when the N-shot
request occurs.
The device automatically selects the appropriate N-shot enabled
Q divider for trigger retiming, such that the output with the
largest Qxy phase value is always the retiming clock.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com