Electronic Components Datasheet Search
  English  ▼

X  

AD9545BCPZ Datasheet(PDF) 91 Page - Analog Devices

Part # AD9545BCPZ
Description  Quad Input, 10-Output, Dual DPLL/IEEE 1588 1 pps Synchronizer and Jitter Cleaner
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9545BCPZ Datasheet(HTML) 91 Page - Analog Devices

Back Button AD9545BCPZ Datasheet HTML 87Page - Analog Devices AD9545BCPZ Datasheet HTML 88Page - Analog Devices AD9545BCPZ Datasheet HTML 89Page - Analog Devices AD9545BCPZ Datasheet HTML 90Page - Analog Devices AD9545BCPZ Datasheet HTML 91Page - Analog Devices AD9545BCPZ Datasheet HTML 92Page - Analog Devices AD9545BCPZ Datasheet HTML 93Page - Analog Devices AD9545BCPZ Datasheet HTML 94Page - Analog Devices AD9545BCPZ Datasheet HTML 95Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 157 page
background image
Data Sheet
AD9545
Rev. A | Page 91 of 157
Calculate the value of the DPLLx phase slew limit rate bit field
necessary to limit the rate of change of phase (Δt/t) to 0.25 ppm
(2.5 × 10−7).
DPLLx Phase Slew Limit Rate = (Δt/t) × 1012
= (2.5 × 10−7) × 1012
= 250,000
= 0x0003D090 (hexadecimal)
TUNING WORD HISTORY
The DPLLs have a tuning word processor that handles the
application of tuning words to the NCO. The tuning word
processor embodies several of the functional blocks appearing
in Figure 71, including the loop controller, FTW processor, and
the switch. The NCO can receive tuning words from three
possible sources.
•
DPLLx freerun tuning word bit field
•
Digital loop filter
•
Tuning word averaging processor
This section focuses on the tuning word averaging processor,
which provides three digital outputs residing in the register map:
•
46-bit DPLLx tuning word history bit field
•
DPLLx history available status bit
•
DPLLx history updated bit
The DPLLx tuning word history bit field (where x is 0 or 1) resides
in Register 0x3103 to Register 0x3108 and Register 0x3203 to
Register 0x3208. The DPLLx history available status bit (where x is
0 or 1) resides in Bit D0 of Register 0x3102 and Register 0x3202.
The DPLLx history updated bit resides in Bit D2 of Register 0x3011
and Register 0x3016. The user also has access to the DPLLx
history available and DPLLx history update bits as a physical
logic level via an appropriately configured Mx pin.
The main purpose of the averaging processor is to compute an
average of tuning word samples when a DPLL translation profile
initially becomes active (but after expiration of any delays specified
by the delay element of the averaging processor as detailed the
Averaging Processor Delay section). After the averaging processor
collects a sufficient number of samples to allow a valid tuning word
average computation, it sets the DPLLx history available bit to
Logic 1. This setting indicates that the averaged tuning word
history is available. If the DPLL needs to switch to holdover
operation, the DPLL can use the averaged tuning word history
of the averaging processor. Otherwise, the DPLL uses the last
available tuning word from the loop filter or the value in the DPLLx
freerun tuning word bit field, depending on the configuration of
the averaging processor.
The averaging processor comprises three functional elements:
•
Delay
•
Windowed average
•
Continue or reset
These functional elements respond to user input via the register
map as explained in the Averaging Processor Delay section, the
Averaging Processor Windowed Average section, and the
Averaging Processor Continue or Reset section.
Averaging Processor Delay
By default, as soon as a translation profile becomes active (see the
Reference Switching section for what constitutes an active
translation profile), the tuning word processor resets the averaging
processor (and DPLLx history available bit) and the averaging
processor immediately starts processing tuning words from the
loop filter.
However, the user has access to two independent mechanisms to
impose a delay between when a translation profile becomes
active and when the averaging processor begins the tuning word
averaging process:
•
Any event dependent delay
•
A timed delay
By default, both mechanisms are inactive, implying no delay.
Event dependent delays take priority over time delays: first, any
of the three possible event dependent delay selections
programmed by the user, then the timed delay programmed by
the user. Until these delays expire, the tuning word processor
ignores incoming tuning words.
The status of the DPLL is the basis for the event-dependent
delay mechanism. To invoke the event dependent delay, write a
Logic 1 to any combination of the delay history control bits:
•
DPLLx delay history phase lock
•
DPLLx delay history frequency lock
•
DPLLx delay history until not slew limiting
These bits reside in Bits[D5:D3] of Register 0x100E and
Register 0x140E.
The DPLLx delay history phase lock bit (where x is 0 or 1)
causes the averaging process to delay until the DPLL phase
locks. The DPLLx delay history frequency lock bit (where x is 0
or 1) causes the averaging process to delay until the DPLL
frequency locks. The DPLLx delay while not slew limiting bit
(where x is 0 or 1) causes the averaging process to delay until
the phase slew limiter ceases slew limiting, assuming slew
limiting occurs (see the Phase Slew Rate Limit section).
When more than one of the delay history control bits are Logic 1,
the implementation of the delay behaves as an AND function of
the selected conditions. That is, all the selected status conditions
must be satisfied before the averaging process begins. The status
conditions are real-time status indicators as they follow the
actual state of the DPLL. However, the moment all selected
status conditions are true, the averaging processor waits for the
prescribed hold off period to expire (assuming DPLLx history
hold off time ≠ 0) and starts the averaging process (even if any
of the status conditions become false after the averaging
processor starts averaging).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com