Electronic Components Datasheet Search
  English  ▼

X  

AD9545BCPZ Datasheet(PDF) 94 Page - Analog Devices

Part # AD9545BCPZ
Description  Quad Input, 10-Output, Dual DPLL/IEEE 1588 1 pps Synchronizer and Jitter Cleaner
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9545BCPZ Datasheet(HTML) 94 Page - Analog Devices

Back Button AD9545BCPZ Datasheet HTML 90Page - Analog Devices AD9545BCPZ Datasheet HTML 91Page - Analog Devices AD9545BCPZ Datasheet HTML 92Page - Analog Devices AD9545BCPZ Datasheet HTML 93Page - Analog Devices AD9545BCPZ Datasheet HTML 94Page - Analog Devices AD9545BCPZ Datasheet HTML 95Page - Analog Devices AD9545BCPZ Datasheet HTML 96Page - Analog Devices AD9545BCPZ Datasheet HTML 97Page - Analog Devices AD9545BCPZ Datasheet HTML 98Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 157 page
background image
AD9545
Data Sheet
Rev. A | Page 94 of 157
averaging processor when the DPLL is not frequency locked.
The DPLLx pause history while phase slew limiting bit in
Bit D2 of Register 0x100F and Register 0x140F pauses or resets
the averaging processor when the phase slew limiter is slew
limiting (see the Phase Slew Rate Limit section).
The user may set any combination of these bits. Unlike the
averaging processor delay bits, however, when more than one of
these bits are Logic 1, the implementation of the delay behaves
as an OR function of the selected conditions. That is, when any
of the selected status conditions is satisfied, it resets or pauses
the averaging processor.
DELAY COMPENSATION
Overview
Delay compensation provides an automatic phase offset to the
DPLL to counteract temperature dependent delay variation.
Figure 78 is a block diagram of the DPLL and delay compensation
block. Delay compensation is only in effect while the DPLL is
active. Furthermore, the response of the delay compensation
output is subject to the loop bandwidth of the DPLL.
Delay compensation generates the temperature dependent time
offset value, Δt, based on a fifth degree polynomial, as shown in
Figure 78. The independent variable of the polynomial is
temperature (T). The five polynomial coefficients (C1 to C5),
which the user enters via the register map, scale corresponding
powers of T. Note that there is no need for a constant term (C0)
in the delay compensation block, because the DPLLx phase offset
bit field (see the DPLL Phase Offset Control section) serves that
function. The Δt computation implied by Figure 78 is
Δt
5
1
i
i
CiT
The temperature (T) input into the open-loop direct compensation
block originates from temperature sensor circuitry (see the
Temperature Sensor section). The user has the option of choosing
the temperature source: either the internal temperature sensor
(default) or the external temperature bit field (Register 0x2900
to Register 0x2901). When using the internal temperature
sensor, the device inherently uses the appropriate scaling units.
However, when using the external temperature option, the user
must provide the proper scaling (see the External Temperature
Source section for details).
DIGITAL
PHASE
DETECTOR
N-DIVIDER
DIGITAL
LOOP
FILTER
SYSTEM
CLOCK
NUMERIC
COEFFICIENTS
NCO
LOCK
DETECTORS
AD9545
FTW
PROCESSOR
DPLLx FREERUN
TUNING WORD
46
LOOP
CONTROLLER
XOA XOB
TDC
TDC
DPLLx
PHASE OFFSET
T
3
DPLLx PHASE
TEMPERATURE
COMPENSATION
FILTER
BANDWIDTH
C5
C4
C3
C2
C1
T4
T3
T2
T5
∆t
16
TO
APLL
TEXT
= BIT(S) IN THE REGISTER MAP
–
–
Figure 78. Delay Compensation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com