Electronic Components Datasheet Search
  English  ▼

X  

AD9545BCPZ Datasheet(PDF) 90 Page - Analog Devices

Part # AD9545BCPZ
Description  Quad Input, 10-Output, Dual DPLL/IEEE 1588 1 pps Synchronizer and Jitter Cleaner
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9545BCPZ Datasheet(HTML) 90 Page - Analog Devices

Back Button AD9545BCPZ Datasheet HTML 86Page - Analog Devices AD9545BCPZ Datasheet HTML 87Page - Analog Devices AD9545BCPZ Datasheet HTML 88Page - Analog Devices AD9545BCPZ Datasheet HTML 89Page - Analog Devices AD9545BCPZ Datasheet HTML 90Page - Analog Devices AD9545BCPZ Datasheet HTML 91Page - Analog Devices AD9545BCPZ Datasheet HTML 92Page - Analog Devices AD9545BCPZ Datasheet HTML 93Page - Analog Devices AD9545BCPZ Datasheet HTML 94Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 157 page
background image
AD9545
Data Sheet
Rev. A | Page 90 of 157
Next, substitute fCLAMP into Equation 20:
DPLLx FTWOC = 236 × fCLAMP/fS
= 236 × 6250/(2.4 × 109)
= 178,957 (nearest integer)
= 0x02BB0D (hexadecimal)
The frequency clamping circuitry provides a status bit
indicating when it is actively clamping the frequency, namely,
the DPLLx frequency clamped bit (where x is 0 or 1) in Bit D1
of Register 0x3102 or Register 0x3202.
The DPLLx frequency clamped bit relates to the IRQ function
of the AD9545 via the DPLLx frequency clamp activated and
DPLLx frequency clamp deactivated bits (where x is 0 or 1). The
DPLLx frequency clamp activated bit (Bit D6 of Register 0x3010 or
Register 0x3015) latches to Logic 1 when the frequency clamp
changes state from not clamped to clamped. The DPLLx frequency
clamp deactivated bit (Bit D7 of Register 0x3010 or Register
0x3015) latches to Logic 1 when the frequency clamp changes state
from clamped to not clamped. Because these are latched bits, the
user must clear them via their corresponding IRQ clear bits
(Bits[D7:D6] of Register 0x200B and Register 0x2010) to obtain
visibility of subsequent state transitions of the frequency clamp.
PHASE SLEW RATE LIMIT
The digital phase detector uses the reference and feedback
TDCs to determine the associated phase error and pass it along
to the loop filter. In addition to the loop phase error, however,
other types of phase information can appear in the loop, for
example, phase offsets originating from any of the following:
•
Changes to the DPLLx phase offset bit field (Register 0x1015
to Register 0x1019 and Register 0x1415 to Register 0x1419)
•
Changes to the Profile x phase skew bit field (Register 0x080E
to Register 0x0810, Register 0x082E to Register 0x0830,
Register 0x084E to Register 0x0850, Register 0x086E to
Register 0x0870, Register 0x088E to Register 0x0890,
Register 0x08AE to Register 0x08B0, Register 0x08CE to
0x08D0, and Register 0x08EE to Register 0x08F0)
•
From the delay compensation block
•
As the result of a phase buildout operation
For certain phase sources, the DPLL provides a phase slew rate
limiting function (see Figure 77) that places an upper bound on
the rate of change of phase passed along to the loop filter. The
phase slew rate limiter mitigates the adverse effects of injecting
a large phase step into the loop by converting it to a phase ramp
with the maximum slope set by the user via the DPLLx phase
slew limit rate bit field (where x is 0 or 1) in Register 0x1011 to
Register 0x1014 and Register 0x1411 to Register 0x1414.
The phase slew rate limiter provides the user with two status
bits: DPLLx phase slew limiter activated and DPLLx phase slew
limiter deactivated (where x is 0 or 1). The DPLLx phase slew
limiter activated bit (Bit D4 of Register 0x3010 or Register
0x3015) latches to Logic 1 when the phase slew rate limiter
changes state from not limiting to limiting. The DPLLx phase
slew limiter deactivated bit (Bit D5 of Register 0x3010 or
Register 0x3015) latches to Logic 1 when the phase slew rate
limiter changes state from limiting to not limiting. Because
these are latched bits, the user must clear them via Bits[D5:D4]
of Register 0x200B and Register 0x2010 to obtain visibility of
subsequent state transitions of the phase slew rate limiter.
DIGITAL
PHASE
DETECTOR
N-DIVIDER
DIGITAL
LOOP
FILTER
SYSTEM
CLOCK
NUMERIC
COEFFICIENTS
NCO
LOCK
DETECTORS
FTW
PROCESSOR
DPLLx FREERUN
TUNING WORD
46
LOOP
CONTROLLER
XOA XOB
AD9545
TDC
TDC
DPLLx PHASE
SLEW LIMIT RATE
TEXT
= BIT(S) IN THE REGISTER MAP
48-BIT
FTW
DIGITAL
CROSS
POINT
MUX
32
Figure 77. Phase Slew Limit Feature
The phase slew rate limiter operates only on phase transients
introduced by the following phase sources:
•
DPLLx phase offset bit field
•
Profile x phase skew bit field
•
initial phase correction due to activating a hitless mode
translation profile
That is, the DPLL only applies phase slew limiting under two
conditions. The first is a phase offset that exists at the start of a
reference acquisition. The second is phase offsets introduced by
the user via the DPLLx phase offset bit field and the Profile x
phase skew bit field.
The phase slew rate limit feature uses the 32-bit unsigned
DPLLx phase slew limit rate bit field (units are ps/sec or 10−12,
but accuracy is typically limited to approximately 50 ps/sec).
The phase slew rate limit feature is active for all DPLLx phase
slew limit rate values except zero, which disables the phase slew
rate limiter (this is not recommended). However, there is little
reason to disable the rate limiter. Instead, programming the rate
limiter to its maximum value imposes a slew rate limit correspond-
ing to a frequency shift in excess of 4000 ppm. Most applications do
not experience frequency transients exceeding 4000 ppm. The
default value of the DPLLx phase slew limit rate bit field
establishes a phase slew rate limit of 100,663,296 ps/s (which
equates to a maximum frequency shift of approximately 100 ppm).
The relationship between the desired phase slew rate limit, Δt/t,
and the value of the DPLLx phase slew limit rate bit field is as
follows:
DPLLx Phase Slew Limit Rate = (Δt/t) × 1012



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com