Electronic Components Datasheet Search
  English  ▼

X  

AD9545BCPZ Datasheet(PDF) 84 Page - Analog Devices

Part # AD9545BCPZ
Description  Quad Input, 10-Output, Dual DPLL/IEEE 1588 1 pps Synchronizer and Jitter Cleaner
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9545BCPZ Datasheet(HTML) 84 Page - Analog Devices

Back Button AD9545BCPZ Datasheet HTML 80Page - Analog Devices AD9545BCPZ Datasheet HTML 81Page - Analog Devices AD9545BCPZ Datasheet HTML 82Page - Analog Devices AD9545BCPZ Datasheet HTML 83Page - Analog Devices AD9545BCPZ Datasheet HTML 84Page - Analog Devices AD9545BCPZ Datasheet HTML 85Page - Analog Devices AD9545BCPZ Datasheet HTML 86Page - Analog Devices AD9545BCPZ Datasheet HTML 87Page - Analog Devices AD9545BCPZ Datasheet HTML 88Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 157 page
background image
AD9545
Data Sheet
Rev. A | Page 84 of 157
The NCO applies adjustments to INT and FRAC as necessary
when the system clock compensation feature is active (see the
System Clock Compensation section.
NCO GAIN TUNING WORD FILTER BANDWIDTH
Although not explicitly shown in Figure 71, the NCO contains a
digital low pass filter, the NCO gain tuning word filter. This
filter has a single-pole response similar to a simple resistor and
capacitor low-pass filter (see Figure 72), but with a variable gain
component that compensates for the nonlinear gain of the
NCO. The NCO gain tuning word filter reduces frequency
transients that can occur when the DPLL switches between
closed-loop and open-loop operating modes (active to
holdover, for example).
To control the filter bandwidth use the 4-bit unsigned DPLLx
NCO gain filter bandwidth bit field (where x is 0 or 1) in
Bits[D3:D0] of Register 0x1009 and Register 0x1409 per
Table 42.
Table 42. NCO Gain Tuning Word Filter Bandwidth Selections
DPLLx NCO Gain
Filter Bandwidth Bit
Field Value
3 dB Bandwidth (Hz)
Transition
Time (ms)
0
248,000
0.003
1
124,000
0.006
2
62,000
0.013
3
31,000
0.026
4
15,500
0.051
5
7800
0.102
6
3900
0.204
7
1900
0.419
8
970
0.820
9
490
1.62
10
240
3.32
11
120
6.63
12
61
13.0
13
30
26.5
14
15
53.1
15
7.6
105
To prevent degradation of the phase margin associated with the
DPLL loop filter (see the DPLL Loop Filter section), the user
must be careful to choose an NCO gain tuning word filter
bandwidth from Table 42 that is at least 100 times greater than
the loop bandwidth of the DPLL. This value includes any
expansion of the DPLL loop filter bandwidth by the fast
acquisition block, if enabled (see the DPLL Fast Acquisition
(FACQ) Options section).
The NCO gain tuning word filter has implications when using
the NCO as a traditional, open-loop digital frequency synthesizer.
For example, when programming the AD9545 to freerun mode
(see the Freerun Tuning Word section), the DPLL operates like
a traditional NCO. That is, the user can program different
frequency tuning words to synthesize different frequencies. In a
traditional NCO, programming a new tuning word results in an
instantaneous switch from the initial frequency to the new
frequency (like the input trace shown in Figure 72). However, in
the case of the DPLL, when programming different tuning
words, the NCO transitions from one frequency to the next
smoothly based on the programmed bandwidth of the NCO
gain tuning word filter as shown in Figure 72 (see Table 42 for
the transition time to 99% of a step input).
TUNING
WORD
TIME
FTW2
FTW1
INPUT
OUTPUT
TRANSITION
TIME
Figure 72. NCO Gain Tuning Word Filter Response
DPLL LOCK DETECTORS
DPLL Phase Lock Detector
Each DPLL channel (DPLL0 and DPLL1) contains an all digital
phase lock detector. The user controls the threshold sensitivity
and hysteresis of the phase detector via the source profiles (see
the Source Profiles section).
The phase lock detector provides the user with a dynamic status
bit, DPLLx phase lock (where x is 0 or 1), located in Bit D1 of
Register 0x3100 and Register 0x3200. However, because this bit
is dynamic in nature, the recommendation is to use the IRQ
mechanism for phase lock indication.
The DPLLx phase locked and DPLLx phase unlocked bit pairs
(where x is 0 or 1) indicate when the DPLL phase lock detector
changes state via Bits[D1:D0] of Register 0x3010 and Register
0x3015. The DPLLx phase locked bit latches to Logic 1 when
the DPLL changes state from not phase locked to phase locked.
The DPLLx phase unlocked bit latches to Logic 1 when the
DPLL changes state from phase locked to not phase locked.
Because these are latched bits, they may represent a condition
that is no longer true. Therefore, the user must clear these bits
(via Bits[D1:D0] of Register 0x200B and Register 0x2010) to
obtain visibility of subsequent state transitions of the phase lock
detector (see the Interrupt Request (IRQ) section).
The phase lock detector behaves in a manner analogous to
water in a tub (see Figure 73). The total capacity of the tub
is 4096 units, with −2048 denoting empty, 0 denoting the 50%
point, and +2047 denoting full. The tub also has a safeguard to
prevent overflow. Furthermore, the tub has a low water mark
at −1025 and a high water mark at +1024. To change the water
level, the phase lock detector adds water with a fill bucket or
removes water with a drain bucket. To specify the size of the fill
and drain buckets, use the unsigned 8-bit Profile x phase lock fill
rate and Profile x phase lock drain rate bit field (where x is a



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com