Electronic Components Datasheet Search
  English  ▼

X  

AD9545BCPZ Datasheet(PDF) 65 Page - Analog Devices

Part # AD9545BCPZ
Description  Quad Input, 10-Output, Dual DPLL/IEEE 1588 1 pps Synchronizer and Jitter Cleaner
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9545BCPZ Datasheet(HTML) 65 Page - Analog Devices

Back Button AD9545BCPZ Datasheet HTML 61Page - Analog Devices AD9545BCPZ Datasheet HTML 62Page - Analog Devices AD9545BCPZ Datasheet HTML 63Page - Analog Devices AD9545BCPZ Datasheet HTML 64Page - Analog Devices AD9545BCPZ Datasheet HTML 65Page - Analog Devices AD9545BCPZ Datasheet HTML 66Page - Analog Devices AD9545BCPZ Datasheet HTML 67Page - Analog Devices AD9545BCPZ Datasheet HTML 68Page - Analog Devices AD9545BCPZ Datasheet HTML 69Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 157 page
background image
Data Sheet
AD9545
Rev. A | Page 65 of 157
The desired modulation period (PM) is 1 ms. Because the Qxy
modulation counter value must be an integer, however, it is not
always possible to produce the desired modulation period
exactly. In this example, the actual PM value is 1.0000210084 ms.
BALANCED AND UNBALANCED MODULATION
Modulation consists of periodic modulation events occurring at
regular intervals, PM, with a single modulation event spanning two
output clock cycles of the Q divider associated with the modulator.
The modulator applies the specified pulse width variation (per
the modulation step and Qxy modulation counter bit fields) to
one or both clock cycles of the modulation event. Modulation of
both clock cycles constitutes balanced modulation, whereas
modulation of only one clock cycle constitutes unbalanced
modulation.
To select the modulation type, use the enable Qxy single-pulse
modulator bit (where x is 0 or 1 and y is A, B or C) in Bit D2 of
Register 0x10CF to Register 0x10D1 and Register 0x14CF to
Register 0x14D0. Logic 0 (default) selects balanced modulation,
whereas Logic 1 selects unbalanced modulation.
With balanced modulation, the modulator applies opposite
polarity to the modulation steps of the two consecutive cycles of
the modulation event (see Figure 56). As such, balanced
modulation maintains the average dc level of the waveform at
its nominal 50% amplitude point.
With unbalanced modulation, the modulator applies the
modulation step (Δt) to only the first pulse of the modulation
event, leaving the second pulse is unaltered (see Figure 57) and
resulting in a waveform with a dc level slightly less than its
nominal 50% amplitude point.
By default, the modulator applies negative polarity to Δt for the
first pulse of a modulation event (and positive Δt to the second
pulse if balance modulation is in effect). However, the user can
force alternate polarity via the Qxy modulator polarity bit (where x
is 0 or 1 and y is A, B, or C) in Bit D1 of Register 0x10CF to
Register 0x10D1 and Register 0x14CF to Register 0x14D0.
Logic 0 (default) applies negative polarity to Δt for the first
pulse of a modulation event, whereas Logic 1 applies positive
polarity to Δt for the first pulse (see Figure 58). Note the positive
shift in dc offset for unbalanced modulation in this case.
TIME
NOMINAL
(50%)
NOMINAL
(50%)
–Δt
+Δt
MODULATION EVENT
DC = 50%
50%
FIRST
MODULATION
CYCLE
SECOND
MODULATION
CYCLE
Figure 56. Balanced Modulation Waveform
NOMINAL
(50%)
NOMINAL
(50%)
TIME
–Δt
DC < 50%
50%
SECOND PULSE
UNALTERED
MODULATION EVENT
FIRST
MODULATION
CYCLE
SECOND
MODULATION
CYCLE
Figure 57. Unbalanced Modulation Waveform



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com