Electronic Components Datasheet Search
  English  ▼

X  

AD9558 Datasheet(PDF) 39 Page - Analog Devices

Part # AD9558
Description  Quad Input Multiservice Line Card Adaptive Clock Translator with Frame Sync
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9558 Datasheet(HTML) 39 Page - Analog Devices

Back Button AD9558 Datasheet HTML 35Page - Analog Devices AD9558 Datasheet HTML 36Page - Analog Devices AD9558 Datasheet HTML 37Page - Analog Devices AD9558 Datasheet HTML 38Page - Analog Devices AD9558 Datasheet HTML 39Page - Analog Devices AD9558 Datasheet HTML 40Page - Analog Devices AD9558 Datasheet HTML 41Page - Analog Devices AD9558 Datasheet HTML 42Page - Analog Devices AD9558 Datasheet HTML 43Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 105 page
background image
Data Sheet
AD9558
Rev. C | Page 39 of 105
OUTPUT PLL (APLL)
A diagram of the output PLL (APLL) is shown in Figure 42.
LF CAP
VCO2
3.35GHz TO 4.05GHz
PFD
FROM DPLL
TO CLOCK
DISTRIBUTION
LF
CP
INTEGER DIVIDER
OUTPUT PLL DIVIDER (APLL)
÷N2
LF_VCO2
Figure 42. Output PLL Block Diagram
The APLL provides the frequency upconversion from the DPLL
output to the 3.35 GHz to 4.05 GHz range, while also providing
noise filtering on the DPLL output. The APLL reference input is
the output of the DPLL. The feedback divider is an integer divider.
The loop filter is partially integrated with the one external 6.8 nF
capacitor. The nominal loop bandwidth for this PLL is 250 kHz,
with 68°of phase margin.
The frequency wizard that is included in the evaluation software
configures the APLL, and the user does not need to make
changes to the APLL settings. However, there may be special cases
where the user may want to adjust the APLL loop bandwidth to
meet a specific phase noise requirement. The easiest way to change
the APLL loop bandwidth is to adjust the APLL charge pump
current in Register 0x0400. There is sufficient stability (68° of
phase margin) in the APLL default settings to permit a broad
range of adjustment without causing the APLL to be unstable.
Contact Analog Devices directly if more detail is needed.
Calibration of the APLL must be performed at startup and
when the nominal input frequency to the APLL changes by
more than ±100 ppm, although the APLL maintains lock
over voltage and temperature extremes without recalibration.
Calibration centers the dc operating voltage at the input to the
APLL VCO.
APLL calibration at startup can be accomplished during initial
register loading by following the instructions in the Device
Register Programming Using a Register Setup File section of
this data sheet.
To recalibrate the APLL VCO after the chip has been running,
the user must first input the new settings (if any). Ensure that
the system clock is still locked and stable, and that the DPLL is
in free run mode with the free run tuning word set to the same
output frequency that is used when the DPLL is locked.
Take the following steps to calibrate the APLL VCO:
1. Ensure that the system clock is locked and stable.
2. Ensure that the DPLL is in user free run mode
(Register 0x0A01[5] = 1b), and that the free run tuning
word is set.
3. Write Register 0x0405 = 0x20.
4. Write Register 0x0005 = 0x01.
5. Write Register 0x0405 = 0x21.
6. Write Register 0x0005 = 0x01.
Monitor the APLL status using Bit 2 in Register 0x0D01.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com