Electronic Components Datasheet Search
  English  ▼

X  

AD9558 Datasheet(PDF) 30 Page - Analog Devices

Part # AD9558
Description  Quad Input Multiservice Line Card Adaptive Clock Translator with Frame Sync
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9558 Datasheet(HTML) 30 Page - Analog Devices

Back Button AD9558 Datasheet HTML 26Page - Analog Devices AD9558 Datasheet HTML 27Page - Analog Devices AD9558 Datasheet HTML 28Page - Analog Devices AD9558 Datasheet HTML 29Page - Analog Devices AD9558 Datasheet HTML 30Page - Analog Devices AD9558 Datasheet HTML 31Page - Analog Devices AD9558 Datasheet HTML 32Page - Analog Devices AD9558 Datasheet HTML 33Page - Analog Devices AD9558 Datasheet HTML 34Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 105 page
background image
AD9558
Data Sheet
Rev. C | Page 30 of 105
Program the Digital Phase-Locked Loop (DPLL)
The DPLL parameters reside in Register 0x0300 to
Register 0x032E. They include the following:
•
Free run frequency
•
DPLL pull-in range limits
•
DPLL closed-loop phase offset
•
Phase slew control (for hitless reference switching)
•
Tuning word history control (for holdover operation)
Program the Reference Inputs
The reference input parameters reside in Register 0x0600 to
Register 0x0602. See the Reference Clock Input section for
details on programming these functions. They include the
following:
•
Reference power-down
•
Reference logic family
•
Reference priority
Program the Reference Profiles
The reference profile parameters reside in Register 0x0700 to
Register 0x07E6. The AD9558 evaluation software contains a
wizard that calculates these values based on the user input
frequency. See the Reference Profiles section for details on
programming these functions. They include the following:
•
Reference period
•
Reference period tolerance
•
Reference validation timer
•
Selection of high phase margin loop filter coefficients
•
DPLL loop bandwidth
•
Reference prescaler (R divider)
•
Feedback dividers (N1, N2, N3, FRAC1, and MOD1)
•
Phase and frequency lock detector controls
Generate the Reference Acquisition
After the registers are programmed, the user can clear the user
free run bit (Register 0x0A01, Bit 5) and issue an I/O update,
using Register 0x0005, Bit 0, to invoke all of the register settings
that are programmed up to this point.
After the registers are programmed, the DPLL locks to the first
available valid reference that has the highest priority.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com