Electronic Components Datasheet Search
  English  ▼

X  

AD9558 Datasheet(PDF) 29 Page - Analog Devices

Part # AD9558
Description  Quad Input Multiservice Line Card Adaptive Clock Translator with Frame Sync
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9558 Datasheet(HTML) 29 Page - Analog Devices

Back Button AD9558 Datasheet HTML 25Page - Analog Devices AD9558 Datasheet HTML 26Page - Analog Devices AD9558 Datasheet HTML 27Page - Analog Devices AD9558 Datasheet HTML 28Page - Analog Devices AD9558 Datasheet HTML 29Page - Analog Devices AD9558 Datasheet HTML 30Page - Analog Devices AD9558 Datasheet HTML 31Page - Analog Devices AD9558 Datasheet HTML 32Page - Analog Devices AD9558 Datasheet HTML 33Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 105 page
background image
Data Sheet
AD9558
Rev. C | Page 29 of 105
Initialize and Calibrate the Output PLL (APLL)
The registers controlling the APLL are at Register 0x0400
to Register 0x0408. This low noise, integer-N PLL multiplies
the DPLL output (which is usually 175 MHz to 200 MHz) to a
frequency in the 3.35 GHz to 4.05 GHz range. After the system
clock is configured and the free run tuning word is set in
Register 0x0300 to Register 0x0303, the user can set the manual
APLL VCO calibration bit (Register 0x0405, Bit 0) and issue an
I/O update (Register 0x0005, Bit 0). This process performs the
APLL VCO calibration. VCO calibration ensures that, at the time
of calibration, the dc control voltage of the APLL VCO is centered
in the middle of its operating range. It is important to remember
the following points when calibrating the APLL VCO:
•
The system clock must be stable.
•
The APLL VCO must have the correct frequency from the
30-bit digitally controlled oscillator (DCO) during
calibration.
•
The APLL VCO must be recalibrated any time the APLL
frequency changes.
•
APLL VCO calibration occurs on the low-to-high transition
of the manual APLL VCO calibration bit, and this bit is not
autoclearing. Therefore, this bit must be cleared (and an I/O
update issued) before another APLL calibration is started.
•
The best way to monitor successful APLL calibration is to
monitor Bit 2 in Register 0x0D01 (APLL lock).
Program the Clock Distribution Outputs
The APLL output goes to the clock distribution block. The
clock distribution parameters reside in Register 0x0500 to
Register 0x0515. They include the following:
•
Output power-down control
•
Output enable (disabled by default)
•
Output synchronization
•
Output mode control
•
Output divider functionality
See the Clock Distribution section for more information.
Generate the Output Clock
If Register 0x0500, Bits[1:0] is programmed for automatic clock
distribution synchronization via the DPLL phase or frequency
lock, the synthesized output signal appears at the clock distribution
outputs. Otherwise, set and then clear the soft sync clock
distribution bit (Register 0x0A02, Bit 1), or use a multifunction
pin input (if programmed for use) to generate a clock
distribution sync pulse, which causes the synthesized output
signal to appear at the clock distribution outputs.
Program the Multifunction Pins (Optional)
This step is required only if the user intends to use any of the
multifunction pins for status or control. The multifunction pin
parameters are in Register 0x0200 to Register 0x0208.
Program the IRQ Functionality (Optional)
This step is required only if the user intends to use the IRQ feature.
The IRQ monitor registers are in Register 0x0D02 to
Register 0x0D09. If the desired bits in the IRQ mask registers at
Register 0x020A to Register 0x020F are set high, the appropriate
IRQ monitor bit at Register 0x0D02 to Register 0x0D07 is set
high when the indicated event occurs.
Individual IRQ events are cleared by using the IRQ clearing the
registers at Register 0x0A04 to Register 0x0A09, or by setting
the clear all IRQs bit (Register 0x0A03, Bit 1) to 1b.
The default values of the IRQ mask registers are such that
interrupts are not generated. The IRQ pin mode default is
open-drain NMOS.
Program the Watchdog Timer (Optional)
This step is required only if the user intends to use the watchdog
timer. The watchdog timer control is in Register 0x0210 and
Register 0x0211 and is disabled by default.
The watchdog timer is useful for generating an IRQ after a fixed
amount of time. The timer is reset by setting the clear watchdog
timer bit (Register 0x0A03, Bit 0) to 1b.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com