Electronic Components Datasheet Search
  English  ▼

X  

AD9558 Datasheet(PDF) 9 Page - Analog Devices

Part # AD9558
Description  Quad Input Multiservice Line Card Adaptive Clock Translator with Frame Sync
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9558 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD9558 Datasheet HTML 5Page - Analog Devices AD9558 Datasheet HTML 6Page - Analog Devices AD9558 Datasheet HTML 7Page - Analog Devices AD9558 Datasheet HTML 8Page - Analog Devices AD9558 Datasheet HTML 9Page - Analog Devices AD9558 Datasheet HTML 10Page - Analog Devices AD9558 Datasheet HTML 11Page - Analog Devices AD9558 Datasheet HTML 12Page - Analog Devices AD9558 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 105 page
background image
Data Sheet
AD9558
Rev. C | Page 9 of 105
REFERENCE MONITORS
Table 8.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
REFERENCE MONITORS
Reference Monitor
Loss of Reference Detection Time
1.1
DPLL PFD
period
Nominal phase detector period = R/fREF1
Frequency Out-of-Range Limits
<2
105
Δf/fREF
(ppm)
Programmable (lower bound is subject to quality
of the system clock (SYSCLK)); SYSCLK accuracy
must be better than the lower bound
Validation Timer
0.001
65.535
sec
Programmable in 1 ms increments
1
fREF is the frequency of the active reference; R is the frequency division factor determined by the R-divider.
REFERENCE SWITCHOVER SPECIFICATIONS
Table 9.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
REFERENCE SWITCHOVER SPECIFICATIONS
Maximum Output Phase Perturbation
(Phase Build-Out Switchover)
Assumes a jitter-free reference; satisfies Telcordia
GR-1244-CORE requirements; select high PM base
loop filter bit (Register 0x070E, Bit 0) is set to 1 for
all active references
50 Hz DPLL Loop Bandwidth
Valid for automatic and manual reference switching
Peak
0
±100
ps
Steady State
0
±100
ps
2 kHz DPLL Loop Bandwidth
Valid for automatic and manual reference switching
Peak
0
±250
ps
Steady State
0
±100
ps
Time Required to Switch to
a New Reference
Phase Build-Out Switchover
1.1
DPLL PFD
period
Calculated using the nominal phase detector
period (NPDP = R/fREF); the total time required is
equal to the time plus the reference validation
time and the time required to lock to the new
reference



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com