Electronic Components Datasheet Search
  English  ▼

X  

AD9558 Datasheet(PDF) 19 Page - Analog Devices

Part # AD9558
Description  Quad Input Multiservice Line Card Adaptive Clock Translator with Frame Sync
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9558 Datasheet(HTML) 19 Page - Analog Devices

Back Button AD9558 Datasheet HTML 15Page - Analog Devices AD9558 Datasheet HTML 16Page - Analog Devices AD9558 Datasheet HTML 17Page - Analog Devices AD9558 Datasheet HTML 18Page - Analog Devices AD9558 Datasheet HTML 19Page - Analog Devices AD9558 Datasheet HTML 20Page - Analog Devices AD9558 Datasheet HTML 21Page - Analog Devices AD9558 Datasheet HTML 22Page - Analog Devices AD9558 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 105 page
background image
Data Sheet
AD9558
Rev. C | Page 19 of 105
Pin No.
Mnemonic
Input/
Output
Pin Type
Description
13
OUT4
O
HSTL, LVDS, or
1.8 V CMOS
Complementary Output 4. This output can be configured as HSTL, LVDS, or single-ended
1.8 V CMOS.
14
OUT4
O
HSTL, LVDS,
or 1.8 V CMOS
Output 4. This output can be configured as HSTL, LVDS, or single-ended 1.8 V CMOS.
LVPECL levels can be achieved by ac coupling and using the Thevenin-equivalent
termination as described in the Input/Output Termination Recommendations section.
15
OUT3
O
HSTL, LVDS, or
1.8 V CMOS
Complementary Output 3. This output can be configured as HSTL, LVDS,
or single-ended 1.8 V CMOS.
16
OUT3
O
HSTL, LVDS, or
1.8 V CMOS
Output 3. This output can be configured as HSTL, LVDS, or single-ended 1.8 V CMOS.
LVPECL levels can be achieved by ac coupling and using the Thevenin-equivalent
termination as described in the Input/Output Termination Recommendations section.
18
OUT2
O
HSTL, LVDS, or
1.8 V CMOS
Complementary Output 2. This output can be configured as HSTL, LVDS, or
single-ended 1.8 V CMOS.
19
OUT2
O
HSTL, LVDS, or
1.8 V CMOS
Output 2. This output can be HSTL, LVDS, or single-ended 1.8 V CMOS.
LVPECL levels can be achieved by ac coupling and using the Thevenin-equivalent
termination as described in the Input/Output Termination Recommendations section.
20
OUT1
O
HSTL, LVDS, or
1.8 V CMOS
Complementary Output 1. This output can be configured as HSTL, LVDS, or
single-ended 1.8 V CMOS.
21
OUT1
O
HSTL, LVDS,
or 1.8 V CMOS
Output 1. This output can be configured as HSTL, LVDS, or single-ended 1.8 V CMOS.
LVPECL levels can be achieved by ac coupling and using the Thevenin-equivalent
termination as described in the Input/Output Termination Recommendations section.
23
OUT5
O
HSTL, LVDS,
1.8 V CMOS,
3.3 V CMOS
Complementary Output 5. This output can be configured as HSTL, LVDS, or single-ended
1.8 V or 3.3 V CMOS.
24
OUT5
O
HSTL, LVDS,
1.8 V CMOS,
3.3 V CMOS
Output 5. This output can be configured as HSTL, LVDS, or single-ended 1.8 V or 3.3 V
CMOS. LVPECL levels can be achieved by ac coupling and by using the Thevenin-
equivalent termination as described in the Input/Output Termination
Recommendations section.
25, 26
AVDD3
I
Power
3.3 V Analog (Output Driver) Power Supply.
27
OUT0
O
HSTL, LVDS,
1.8 V CMOS,
3.3 V CMOS
Complementary Output 0. This output can be configured as HSTL, LVDS, or single-
ended 1.8 V or 3.3 V CMOS.
28
OUT0
O
HSTL, LVDS,
1.8 V CMOS,
3.3 V CMOS
Output 0. This output can be configured as HSTL, LVDS, or single-ended 1.8 V or 3.3 V
CMOS. LVPECL levels can be achieved by ac coupling and by using the Thevenin-
equivalent termination as described in the Input/Output Termination
Recommendations section.
30
AVDD
I
Power
1.8 V Analog (RF Divider) Power Supply.
31
AVDD3
I
Power
3.3 V Analog (VCO 2) Power Supply.
32
LDO_VCO2
I
LDO bypass
Output PLL Loop Filter Voltage Regulator. Connect a 0.47 μF capacitor from this pin
to ground. This pin is also the ac ground reference for the integrated output PLL
external loop filter.
33
LF_VCO2
I/O
Loop filter
Loop Filter Node for the Output PLL. Connect an external 6.8 nF capacitor from this
pin to Pin 32 (LDO_VCO2).
34, 36
NC
No Connect. There is no internal connection for this pin.
35
AVDD
I
Power
1.8 V Analog (APLL) Power Supply.
37, 38
AVDD
I
Power
1.8 V Analog (DCO and TDC) Power Supplies.
39
RESET
I
3.3 V CMOS
Chip Reset. When this active low pin is asserted, the chip goes into reset. This pin has
an internal 50 kΩ pull-up resistor.
40
PINCONTROL
I
3.3 V CMOS
Pin Program Mode Enable Pin. When pulled high during startup, this pin enables pin
programming of the AD9558 configuration during startup. If this pin is low during
startup, the user must program the device via the serial port, or use values that are
stored in the EEPROM.
41
M7
I/O
3.3 V CMOS
Configurable I/O Pin. Along with pins M6 through M0, this pin is configured through
the AD9558 register space.
42
SYNC
I
3.3 V CMOS
Clock Distribution Synchronization Pin. When this pin is activated, output drivers are
held static and then synchronized on a low-to-high transition of this pin. This pin is
used to arm the frame sync function when frame sync mode is enabled. This pin has
an internal 60 kΩ pull-up resistor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com