Electronic Components Datasheet Search
  English  ▼

X  

AD9558 Datasheet(PDF) 65 Page - Analog Devices

Part # AD9558
Description  Quad Input Multiservice Line Card Adaptive Clock Translator with Frame Sync
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9558 Datasheet(HTML) 65 Page - Analog Devices

Back Button AD9558 Datasheet HTML 61Page - Analog Devices AD9558 Datasheet HTML 62Page - Analog Devices AD9558 Datasheet HTML 63Page - Analog Devices AD9558 Datasheet HTML 64Page - Analog Devices AD9558 Datasheet HTML 65Page - Analog Devices AD9558 Datasheet HTML 66Page - Analog Devices AD9558 Datasheet HTML 67Page - Analog Devices AD9558 Datasheet HTML 68Page - Analog Devices AD9558 Datasheet HTML 69Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 105 page
background image
Data Sheet
AD9558
Rev. C | Page 65 of 105
Reg
Addr
(Hex)
Opt
Name
D7
D6
D5
D4
D3
D2
D1
D0
Def
0x0210
Watchdog
Timer 1
Watchdog timer (ms), Bits[7:0]
00
0x0211
Watchdog timer (ms), Bits[15:8]
00
0x0300
Free run
frequency TW
30-bit free run frequency tuning word[7:0]
11
0x0301
30-bit free run frequency tuning word[15:8]
15
0x0302
30-bit free run frequency tuning word[23:16]
64
0x0303
Reserved
30-bit free run frequency tuning word[29:24]
1B
0x0304
Digital
oscillator
control
Reserved
DCO
4-level
output
Reserved
(must be 1b)
Reserved
Reset SDM
10
0x0305
Reserved
00
0x0306
DPLL
frequency
clamp
Lower limit of pull-in range[7:0]
51
0x0307
Lower limit of pull-in range[15:8]
B8
0x0308
Reserved
Lower limit of pull-in range[19:16]
02
0x0309
Upper limit of pull-in range[7:0]
3E
0x030A
Upper limit of pull-in range[15:8]
0A
0x030B
Reserved
Upper limit of pull-in range[19:16]
0B
0x030C
Closed-loop
phase lock
offset
(±0.5 ms)
Fixed phase lock offset (signed; ps), Bits[7:0]
00
0x030D
Fixed phase lock offset (signed; ps), Bits[15:8]
00
0x030E
Fixed phase lock offset (signed; ps), Bits[23:16]
00
0x030F
Reserved
Fixed phase lock offset (signed; ps), Bits[29:24]
00
0x0310
Incremental phase lock offset step size (ps/step), Bits[7:0] (up to 65.5 ns/step)
00
0x0311
Incremental phase lock offset step size (ps/step), Bits[15:8] (up to 65.5 ns/step)
00
0x0312
Phase slew
rate limit
Phase slew rate limit (µs/sec), Bits[7:0] (315 µs/sec up to 65.536 ms/sec)
00
0x0313
Phase slew rate limit (µs/sec), Bits[15:8] (315 µs/sec up to 65.536 ms/sec)
00
0x0314
Holdover
history
History accumulation timer (ms), Bits[7:0] (up to 65 seconds)
0A
0x0315
History accumulation timer (ms), Bits[15:8] (up to 65 seconds)
00
0x0316
History mode
Reserved
Single
sample
fallback
Persistent
history
Incremental average
00
0x0317
L
Base Loop
Filter A
coefficient set
(high phase
margin)
HPM Alpha-0[7:0]
8C
0x0318
L
HPM Alpha-0[15:8]
AD
0x0319
L
Reserved
HPM Alpha-1[6:0]
4C
0x031A
L
HPM Beta-0[7:0]
F5
0x031B
L
HPM Beta-0[15:8]
CB
0x031C
L
Reserved
HPM Beta-1[6:0]
73
0x031D
L
HPM Gamma-0[7:0]
24
0x031E
L
HPM Gamma-0[15:8]
D8
0x031F
L
Reserved
HPM Gamma-1[6:0]
59
0x0320
L
HPM Delta-0[7:0]
D2
0x0321
L
HPM Delta-0[15:8]
8D
0x0322
L
Reserved
HPM Delta-1[6:0]
5A
0x0323
L
Base loop
Filter A
coefficient set
(normal phase
margin of 70º)
NPM Alpha-0[7:0]
24
0x0324
L
NPM Alpha-0[15:8]
8C
0x0325
L
Reserved
NPM Alpha-1[6:0]
49
0x0326
L
NPM Beta-0[7:0]
55
0x0327
L
NPM Beta-0[15:8]
C9
0x0328
L
Reserved
NPM Beta-1[6:0]
7B
0x0329
L
NPM Gamma-0[7:0]
9C
0x032A
L
NPM Gamma-0[15:8]
FA
0x032B
L
Reserved
NPM Gamma-1[6:0]
55
0x032C
L
NPM Delta-0[7:0]
EA
0x032D
L
NPM Delta-0[15:8]
E2
0x032E
L
Reserved
NPM Delta-1[6:0]
57
Output PLL (APLL)
0x0400
APLL charge
pump
Output PLL (APLL) charge pump[7:0]
81
0x0401
APLL N divider
Output PLL (APLL) feedback N divider[7:0]
14
0x0402
Reserved
00
0x0403
APLL loop
filter control
APLL loop filter control[7:0]
07
0x0404
Reserved
Bypass
internal RZERO
00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com