Electronic Components Datasheet Search
  English  ▼

X  

AD9558 Datasheet(PDF) 40 Page - Analog Devices

Part # AD9558
Description  Quad Input Multiservice Line Card Adaptive Clock Translator with Frame Sync
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9558 Datasheet(HTML) 40 Page - Analog Devices

Back Button AD9558 Datasheet HTML 36Page - Analog Devices AD9558 Datasheet HTML 37Page - Analog Devices AD9558 Datasheet HTML 38Page - Analog Devices AD9558 Datasheet HTML 39Page - Analog Devices AD9558 Datasheet HTML 40Page - Analog Devices AD9558 Datasheet HTML 41Page - Analog Devices AD9558 Datasheet HTML 42Page - Analog Devices AD9558 Datasheet HTML 43Page - Analog Devices AD9558 Datasheet HTML 44Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 105 page
background image
AD9558
Data Sheet
Rev. C | Page 40 of 105
CLOCK DISTRIBUTION
FROM APLL
(3.35GHz TO 4.05GHz)
÷M1
OUT1
OUT1
OUT2
OUT2
MAX
1.25GHz
MAX
1.25GHz
÷M2
RF
DIVIDER 1
÷3 TO ÷11
RF
DIVIDER 2
÷3 TO ÷11
FRAME SYNC
MODE ONLY
÷M0
OUT0
OUT0
÷M3
OUT4
OUT4
OUT3
OUT3
÷M3b
OUT5
OUT5
×2
CHANNEL
SYNC
BLOCK
FRAME
SYNC
BLOCK
CHIP RESET
SELECTED INPUT FRAME PULSE
SYNC SIGNAL TO
M0 TO M3 DIVIDERS
FRAME SYNC
FRAME SYNC ENGAGED SIGNAL
FRAME
SYNC
MONITOR
SYNC/SOFT_SYNC
FSYNC_ALIGN_METHOD
Figure 43. Clock Distribution Block Diagram
RF DIVIDERS (RF DIVIDER 2 AND RF DIVIDER 1)
The first block in each clock distribution section is the RF divider.
The RF dividers divide the VCO output frequency down to a
maximum frequency of ≤1.25 GHz and has special circuitry to
maintain a 50% duty cycle for any divide ratio.
The following register addresses contain the RF divider settings:
•
RF Divider 1: Register 0x0407, Bits[3:0]
•
RF Divider 2: Register 0x0407, Bits[7:4]
In normal operation, the RF dividers do not need to be reset
because the APLL VCO calibration (which normally occurs after
programming the RF divider) automatically performs an
RF divider reset.
However, in cases where the user wants to change either of the
RF dividers, but not recalibrate the corresponding APLL VCO
afterward, the user must first reset that RF divider by writing
0x0F to the appropriate RF divider register and then issuing an
I/O update by writing Register 0x0005 = 0x01. At this point, the
user can program the new RF divider value, and issue another
I/O update.
CHANNEL DIVIDERS
The channel divider blocks, M0, M1, M2, M3, and M3b, are
10-bit integer dividers with a divide range of 1 to 1023. The
channel divider block contains duty cycle correction that
guarantees 50% duty cycle for both even and odd divide ratios.
OUTPUT POWER-DOWN
The output drivers can be individually powered down.
OUTPUT ENABLE
Each of the output channels offers independent control of enable/
disable functionality via the distribution enable register. The
distribution outputs use synchronization logic to control
enable/disable activity to avoid the production of runt pulses
and to ensure that outputs with the same divide ratios become
active/inactive in unison.
OUTPUT MODE
The user has independent control of the operating mode of each of
the four output channels via the output clock distribution registers
(Address 0x0500 to Address 0x0515). The operating mode
control includes
•
Logic family and pin functionality
•
Output drive strength
•
Output polarity
•
Divide ratio
•
Phase of each output channel
Channel 0 and Channel 3 provide 3.3 V CMOS and 1.8 V CMOS
modes. Channel 1 and Channel 2 have 1.8 V CMOS, LVDS, and
HSTL modes.
All CMOS drivers feature a CMOS drive strength that allows
the user to choose between a strong, high performance CMOS
driver or a lower power setting with less EMI and crosstalk. The
best setting is application dependent.
For applications where LVPECL levels are required, the user
must choose the HSTL mode and ac couple the output signal.
See the Input/Output Termination Recommendations section
for recommended termination schemes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com