Electronic Components Datasheet Search
  English  ▼

X  

AD9558 Datasheet(PDF) 20 Page - Analog Devices

Part # AD9558
Description  Quad Input Multiservice Line Card Adaptive Clock Translator with Frame Sync
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9558 Datasheet(HTML) 20 Page - Analog Devices

Back Button AD9558 Datasheet HTML 16Page - Analog Devices AD9558 Datasheet HTML 17Page - Analog Devices AD9558 Datasheet HTML 18Page - Analog Devices AD9558 Datasheet HTML 19Page - Analog Devices AD9558 Datasheet HTML 20Page - Analog Devices AD9558 Datasheet HTML 21Page - Analog Devices AD9558 Datasheet HTML 22Page - Analog Devices AD9558 Datasheet HTML 23Page - Analog Devices AD9558 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 105 page
background image
AD9558
Data Sheet
Rev. C | Page 20 of 105
Pin No.
Mnemonic
Input/
Output
Pin Type
Description
43
REFA
I
Differential
input
Reference A Input. This internally biased input is typically ac-coupled and, when
configured as such, can accept any differential signal with single-ended swing up
to 3.3 V. If dc-coupled, the input can be LVPECL, LVDS, or single-ended CMOS.
44
REFA
I
Differential
input
Complementary Reference A Input. This pin is the complementary input to Pin 43.
45, 46,
51, 52
DVDD3
I
Power
3.3 V Digital (Reference Input) Power Supply.
47
REFC
I
Differential
input
Reference C Input. This internally biased input is typically ac-coupled and, when
configured as such, can accept any differential signal with single-ended swing up
to 3.3 V. If dc-coupled, the input can be LVPECL, LVDS, or single-ended CMOS.
48
REFC
I
Differential
input
Complementary Reference C Input. This pin is the complementary input to Pin 47.
49
REFD
I
Differential
input
Reference D Input. This internally biased input is typically ac-coupled and, when
configured as such, can accept any differential signal with single-ended swing up
to 3.3 V. If dc-coupled, the input can be LVPECL, LVDS, or single-ended CMOS.
50
REFD
I
Differential
input
Complementary Reference D Input. This pin is the complementary input to Pin 49.
53
REFB
I
Differential
input
Reference B Input. This internally biased input is typically ac-coupled and, when
configured as such, can accept any differential signal with single-ended swing up
to 3.3 V. If dc-coupled, the input can be LVPECL, LVDS, or single-ended CMOS.
54
REFB
I
Differential
input
Complementary Reference B Input. This pin is the complementary input to Pin 53.
57, 58,
59, 60,
61, 62,
63
M0, M1, M2,
M3, M4, M5,
M6
I/O
3.3 V CMOS
Configurable I/O Pins. These pins are configured through the AD9558 register space.
The M7 pin (Pin 41) is the last pin of this group.
64
DVDD3
I
Power
3.3 V Digital Supply.
EP
O
Exposed pad
The exposed pad must be connected to ground (VSS).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com