Electronic Components Datasheet Search
  English  ▼

X  

AD9558 Datasheet(PDF) 73 Page - Analog Devices

Part # AD9558
Description  Quad Input Multiservice Line Card Adaptive Clock Translator with Frame Sync
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9558 Datasheet(HTML) 73 Page - Analog Devices

Back Button AD9558 Datasheet HTML 69Page - Analog Devices AD9558 Datasheet HTML 70Page - Analog Devices AD9558 Datasheet HTML 71Page - Analog Devices AD9558 Datasheet HTML 72Page - Analog Devices AD9558 Datasheet HTML 73Page - Analog Devices AD9558 Datasheet HTML 74Page - Analog Devices AD9558 Datasheet HTML 75Page - Analog Devices AD9558 Datasheet HTML 76Page - Analog Devices AD9558 Datasheet HTML 77Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 105 page
background image
Data Sheet
AD9558
Rev. C | Page 73 of 105
REGISTER MAP BIT DESCRIPTIONS
SERIAL PORT CONFIGURATION (REGISTER 0x0000 TO REGISTER 0x0005)
Table 36. Serial Configuration (Note that the Contents of Register 0x0000 are Not Stored to the EEPROM)
Address
Bits
Bit Name
Description
0x0000
7
SDO enable
Enables SPI port SDO pin.
1 = 4-wire (SDO pin enabled).
0 (default) = 3-wire.
6
LSB first/increment
address
Bit order for SPI port.
1 = least significant bit and byte first. Register addresses are automatically incremented in
multibyte transfers.
0 (default) = most significant bit and byte first. Register addresses are automatically
decremented in multibyte transfers.
5
Soft reset
Device reset (invokes an EEPROM download or pin program ROM download if EEPROM or
pin program is enabled. See the EEPROM and Pin Configuration and Function Descriptions
sections for details.
[4:0]
Reserved
Reserved.
Table 37. Readback Control
Address
Bits
Bit Name
Description
0x0004
[7:1]
Reserved
Reserved.
0
Read buffer register
For buffered registers, serial port readback reads from actual (active) registers instead of
the buffer. As with all live registers, an I/O update is not needed when setting this bit.
1 = reads buffered values that take effect on next assertion of I/O update.
0 (default) = reads values currently applied to the internal logic of the device.
Table 38. Soft I/O Update
Address
Bits
Bit Name
Description
0x0005
[7:1]
Reserved
Reserved.
0
I/O update
Writing a 1 to this bit transfers the data in the serial I/O buffer registers to the internal
control registers of the device. Unless a register is marked as live (as indicated by an L in
the Opt column of the register map), the user must write to this bit before any register
settings can take effect and before a read-only register can be updated with the most current
value. This is an autoclearing bit.
Table 39. User Scratch Pad
Address
Bits
Bit Name
Description
0x0006
[7:0]
User scratch pad[7:0]
User programmable EEPROM ID registers. These registers enable users to write a unique
code of their choosing to keep track of revisions to the EEPROM register loading. It has no
effect on device operation. 0 = default.
0x0007
[7:0]
User scratch pad[15:8]
SILICON REVISION (REGISTER 0x000A)
Table 40. Silicon Revision
Address
Bits
Bit Name
Description
0x000A
[7:0]
Silicon revision
This read-only register identifies the revision level of the AD9558.
CLOCK PART SERIAL ID (REGISTER 0x000C TO REGISTER 0x000D)
Table 41. Clock Part Family ID
Address
Bits
Bit Name
Description
0x000C
[7:0]
Clock part family ID[7:0]
This read-only register (along with Register 0x000D) uniquely identifies an AD9557 or
AD9558. No other device in the Analog Devices AD95xx family has a value of 0x0001 in these
two registers.
Default: 0x01 for the AD9557 and AD9558.
0x000D
[7:0]
Clock part family ID[15:8]
This register is a continuation of Register 0x000C.
Default: 0x00 for the AD9557 and AD9558.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com