Electronic Components Datasheet Search
  English  ▼

X  

CPC5750 Datasheet(PDF) 10 Page - IXYS Corporation

Part # CPC5750
Description  Single-Channel Voice Band CODEC
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

CPC5750 Datasheet(HTML) 10 Page - IXYS Corporation

Back Button CPC5750 Datasheet HTML 6Page - IXYS Corporation CPC5750 Datasheet HTML 7Page - IXYS Corporation CPC5750 Datasheet HTML 8Page - IXYS Corporation CPC5750 Datasheet HTML 9Page - IXYS Corporation CPC5750 Datasheet HTML 10Page - IXYS Corporation CPC5750 Datasheet HTML 11Page - IXYS Corporation CPC5750 Datasheet HTML 12Page - IXYS Corporation CPC5750 Datasheet HTML 13Page - IXYS Corporation CPC5750 Datasheet HTML 14Page - IXYS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 37 page
background image
PRELIMINARY
INTEGRATED CIRCUITS DIVISION
10
PRELIMINARY
Rev F
CPC5750
2. Control Registers
The control registers are used to set up operating characteristics, transmit/receive gains, PCM time slot assignments
and GPIO control. Access to these registers is dependent on the transmission mode set by the logical state of SDI
(pin 10) during a Reset or Power-Up event. With SDI held at a logic high, the device is configured for PCM Mode and
register access is only available via the SPI bus. When SDI is held at a logic low, the device is configured for IOM-2
GCI Mode and register access is only available through the GCI data link.
NOTE: PCLK and FS must be active before a write command is issued to the control registers, otherwise the written
values will not be retained.
Power Up and Reset events set the device’s Power Down bit (PD) to a logic high which disables the input and output
analog amplifiers and if configured for PCM Mode, disables the upstream digital signal and places the DTX output into
a high impedance state. After provisioning the control registers and if necessary, assigning the PCM interface to the
proper time slot, PD can be set low to begin operation. The GCI Mode does not allow changing the time slot of the
digitized voice data.
The table below shows the CPC5750 control register names, the bit names, and the register address. Access to the
registers is only available via read or write commands. The structure of a register command consists of two parts; first
is the command type nibble which is followed immediately by the register address nibble. Write commands will be
followed by the data word to be stored in the addressed register. The first four bits (nibble) of a read command are
1010 (0xA) while the write command’s first four bits (nibble) are 1011 (0xB). Following the command type nibble is the
register address nibble as provided in the table below. As an example, the command to read back the value
provisioned into the PCM Transmit Time Slot register is: 0xA7. Detailed discussions of each register are provided in
the following sections.
Table 1: Control Registers
NOTE: All registers are Read / Write and all user defined bits are Read / Write.
Register Name
(MSB)
Bits
(LSB)
Address
7
6
5
4
3
2
1
0
Dec
Hex
Mode Control
Companding
Not Used
ALB
DLB
PD
CPB
TXZ
TM
0
0x0
TX Gain: ±1dB Steps
Not Used
[4:0]
1
0x1
TX Gain: ±0.1dB Steps
Not Used
[3:0]
2
0x2
RX Gain: ±1dB Steps
Not Used
[4:0]
3
0x3
RX Gain: ±0.1dB Steps
Not Used
[3:0]
4
0x4
PCM DRX Time Slot
Not Used
[6:0]
50x5
PCM DRX Bit Delay
Not Used
[2:0]
6
0x6
PCM DTX Time Slot
Not Used
[6:0]
70x7
PCM DTX Bit Delay
Not Used
[2:0]
8
0x8
Reserved
00000000
9
0x9
GPIO Control
DIR(3)
DIR(2)
DIR(1)
DIR(0)
D(3)
D(2)
D(1)
D(0)
10
0xA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com