Electronic Components Datasheet Search
  English  ▼

X  

CPC5750 Datasheet(PDF) 6 Page - IXYS Corporation

Part # CPC5750
Description  Single-Channel Voice Band CODEC
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

CPC5750 Datasheet(HTML) 6 Page - IXYS Corporation

Back Button CPC5750 Datasheet HTML 2Page - IXYS Corporation CPC5750 Datasheet HTML 3Page - IXYS Corporation CPC5750 Datasheet HTML 4Page - IXYS Corporation CPC5750 Datasheet HTML 5Page - IXYS Corporation CPC5750 Datasheet HTML 6Page - IXYS Corporation CPC5750 Datasheet HTML 7Page - IXYS Corporation CPC5750 Datasheet HTML 8Page - IXYS Corporation CPC5750 Datasheet HTML 9Page - IXYS Corporation CPC5750 Datasheet HTML 10Page - IXYS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 37 page
background image
PRELIMINARY
INTEGRATED CIRCUITS DIVISION
6
PRELIMINARY
Rev F
CPC5750
1.7 Digital Interface Characteristics
Parameter
Conditions
Symbol
Minimum
Typical
Maximum
Units
Inputs: All logic inputs and all GPIO provisioned as inputs are Schmitt trigger inputs.
Input Voltage
Logic 1 Threshold
-
VIH
-1.65
2
V
Logic 0 Threshold
-
VIL
0.8
1.1
-
Hysteresis
-
VHYS
0.30.550.7
Input Leakage (Inputs without Pull-Up Resistors and Dx
when provisioned as inputs.)
VIN = VSS to VDD
IIN
± 10
A
Pull-Up Resistors: Pins RST & MUTE
RPU
24
33
42
k
Outputs
Output Voltage
Logic 1
IOH = -4mA
VOH
VDD-0.3
VDD-0.17
-
V
Logic 0
IOL = 4mA
VOL
-
0.12
0.3
Leakage: 3-State Off (Hi-Z)
VOZ = VSS to VDD
IOZ
± 10
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com