Electronic Components Datasheet Search
  English  ▼

X  

CPC5750 Datasheet(PDF) 15 Page - IXYS Corporation

Part # CPC5750
Description  Single-Channel Voice Band CODEC
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

CPC5750 Datasheet(HTML) 15 Page - IXYS Corporation

Back Button CPC5750 Datasheet HTML 11Page - IXYS Corporation CPC5750 Datasheet HTML 12Page - IXYS Corporation CPC5750 Datasheet HTML 13Page - IXYS Corporation CPC5750 Datasheet HTML 14Page - IXYS Corporation CPC5750 Datasheet HTML 15Page - IXYS Corporation CPC5750 Datasheet HTML 16Page - IXYS Corporation CPC5750 Datasheet HTML 17Page - IXYS Corporation CPC5750 Datasheet HTML 18Page - IXYS Corporation CPC5750 Datasheet HTML 19Page - IXYS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 37 page
background image
PRELIMINARY
INTEGRATED CIRCUITS DIVISION
Rev F
PRELIMINARY
15
CPC5750
3. Digital Transmission Modes: PCM or IOM-2 GCI
The CPC5750 was designed to be used in communication systems utilizing either the traditional PCM bus method of
digital transmission flow or the newer IOM-2 GCI bus. Both operational modes make use of the 4-wire digital
transmission bus consisting of the data clock (PCLK), an 8kHz Frame Synchronization clock (FS), an upstream
transmit data signal (DTX) and a downstream receive data signal (DRX). Although both modes use this 4-wire bus, the
data structure within the digital transmit and receive streams is dissimilar.
One major difference between the PCM Mode and the GCI Mode of operation is how provisioning, control and status
is implemented. When operating in the PCM Mode a serial (SPI) bus is utilized to perform these functions. In the GCI
Mode these functions are embedded in the transmit and receive data streams, thereby eliminating the need for an
additional bus for command and control.
3.1 Digital Transmission Mode Selection
Configuring the CPC5750 to operate in PCM or GCI Mode is performed during either a Power Up or Reset event
using the level at the SDI input pin to determine the mode. Holding SDI high will cause the CPC5750 to be placed into
the PCM Mode of operation while holding SDI low will result in the GCI Mode.
For PCM applications, the voltage available at SDI during power up may not satisfy the specified logic high threshold
voltage stated in Section 1.7 Digital Interface Characteristics on page 6. To ensure a logic high is recognized at
the SDI input during power up, the input should be biased to VDD. As the VDD supply rises towards the Power On
Reset threshold, the CPC5750 will accept the VDD voltage level at SDI as a logic high.
Because the GCI Mode does not utilize the SPI bus, those applications should tie the SDI input low and the CS input
to the appropriate logic level dependent on the desired companding. The companding method set by CS during
Power Up or Reset can be overridden by provisioning bit 7 of the Mode Control register.
3.2 PCLK Frequencies and Time Slot Selection
The clocking circuits use the Frame Sync (FS) signal from the PCM or IOM-2 bus to automatically determine the
PCLK frequency and divides or multiplies the clock as necessary to generate an on-chip 1.024MHz clock.
The table below shows the allowed PCLK frequencies for both the PCM and GCI Modes and the time slot allocations.
For the PCM Mode there are eight allowed PCLK frequencies while the IOM-2 GCI Mode has only two. When using
the PCM Mode, the maximum number of available time slots is dependent on the number of eight bit channels that
can be transferred within one period of the 8kHz Frame Sync clock. For all systems, the maximum number of time
slots is the PCLK frequency divided by the Frame Sync frequency divided by the number of clock bits (pulses) per
channel. A system that uses one clock bit for each transmission bit, the number of time slots is the PCLK frequency
divided by 8kHz divided by 8 clock pulses which is PCLK / 64kHz. PCM systems using two PCLK pulses per
transmission bit will need to set bit 2 of the Mode Control register to a logic 1. Calculating the number of time slots is
now PCLK frequency / 128kHz. The table below provides a quick reference.
Assignment of the specific time slot to be used when in PCM Mode is done by provisioning the PCM transmit and
receive time slot assignment registers described in Section 2.8 and Section 2.6 beginning on page 13.
Only two PCLK frequencies are allowed for the IOM-2 GCI Mode and the number of available time slots is
independent of the clock frequency. Because the number of time slots in GCI Mode is fixed and the higher allowed
frequency is twice the lower allowed frequency, the CPC5750 will use two PCLK bits per transmission bit when it
detects the higher allowed PCLK frequency. This is shown in the following table.
Available time slots for the IOM-2 GCI Mode is based on the number of available sub-frames. The IOM-2 GCI
definition provides for eight sub-frames within a single frame defined by the time period of the Frame Sync clock.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com