Electronic Components Datasheet Search
  English  ▼

X  

CPC5750 Datasheet(PDF) 25 Page - IXYS Corporation

Part # CPC5750
Description  Single-Channel Voice Band CODEC
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

CPC5750 Datasheet(HTML) 25 Page - IXYS Corporation

Back Button CPC5750 Datasheet HTML 21Page - IXYS Corporation CPC5750 Datasheet HTML 22Page - IXYS Corporation CPC5750 Datasheet HTML 23Page - IXYS Corporation CPC5750 Datasheet HTML 24Page - IXYS Corporation CPC5750 Datasheet HTML 25Page - IXYS Corporation CPC5750 Datasheet HTML 26Page - IXYS Corporation CPC5750 Datasheet HTML 27Page - IXYS Corporation CPC5750 Datasheet HTML 28Page - IXYS Corporation CPC5750 Datasheet HTML 29Page - IXYS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 37 page
background image
PRELIMINARY
INTEGRATED CIRCUITS DIVISION
Rev F
PRELIMINARY
25
CPC5750
Figure 9: GCI Interface Timing with 2x PCLK
6.1 Monitor Channel Operations
The Monitor (M) channel is used for reading and writing the CPC5750's registers. The Monitor channel requires the
use of the MR and MX bits in the SC channel for handshaking.
All Monitor channel transfers are in the following format:
1.
Device Address: 0x91 for normal transfers, 0x90 for the special “Channel Identification Command”
2.
Command: 0x81 for a read, 0x01 for a write, 0x00 for the “Channel Identification Command”
3.
Address: 0x0 - 0xA corresponding to register address in Table 1: Control Registers (Not sent for “Channel
Identification Command”)
4a. Write commands follow the address with up to 11 data bytes
4b. Read commands terminate after the address, and are followed by a write sequence (controlled by the CPC5750)
that transfers data to the host device
4c. The special “Channel Identification Command” is terminated after the command byte is sent
(The CPC5750 responds by controlling a write sequence to the host of two fixed bytes: 0x90, 0xB8)
Before a Monitor channel command can be started by the host device, the MX and MR bits must be inactive (high) for
at least two frames. To initiate a transfer of data by the host device, the MX bit should be set active by the external
controller. This signals the CPC5750 to look for a transmission on the Monitor channel. To confirm that the data was
received, the CPC5750 asserts the MR bit. Once confirmation is complete, the external controller makes the MX
inactive for one frame, then, if it is to continue to transmit, it sets the MX bit active again; otherwise, it ends the
message by leaving the MX bit inactive for another frame.
t
FHD
t
PC
t
FSU
t
RXSU
t
RXHD
t
TXDA
t
TXDA
t
FP
t
TRIR
t
TRIF
PCLK
FS
D
RX
D
TX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com