Electronic Components Datasheet Search
  English  ▼

X  

CPC5750 Datasheet(PDF) 16 Page - IXYS Corporation

Part # CPC5750
Description  Single-Channel Voice Band CODEC
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

CPC5750 Datasheet(HTML) 16 Page - IXYS Corporation

Back Button CPC5750 Datasheet HTML 12Page - IXYS Corporation CPC5750 Datasheet HTML 13Page - IXYS Corporation CPC5750 Datasheet HTML 14Page - IXYS Corporation CPC5750 Datasheet HTML 15Page - IXYS Corporation CPC5750 Datasheet HTML 16Page - IXYS Corporation CPC5750 Datasheet HTML 17Page - IXYS Corporation CPC5750 Datasheet HTML 18Page - IXYS Corporation CPC5750 Datasheet HTML 19Page - IXYS Corporation CPC5750 Datasheet HTML 20Page - IXYS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 37 page
background image
PRELIMINARY
INTEGRATED CIRCUITS DIVISION
16
PRELIMINARY
Rev F
CPC5750
Although the IOM-2 specification provides for two digitized voice time slots per sub-frame, the CPC5750 only uses the
B1 time slot. This allows for a total of eight available time slots when operating in the GCI Mode.
Selection of the sub-frame is not a provisioning option. It is done by applying the appropriate logic levels at pins:
SCLK, SDO, and SFSEL. See Section 6 IOM-2 (GCI) Interface beginning on page 23 and Table 4 on page 23
for more details.
Table 2:
PCLK Frequencies and Available PCM Time Slots
3.3 Hardware Configuration For Transmission Mode Selection
To ensure correct initialization of the CPC5750 following a Power Up or Reset event, the appropriate inputs must be
properly conditioned.
PCM Mode: SDI = 1 and CS = x
GCI Mode: SDI = 0 and CS = x;
Also, the sub-frame selection using SCLK, SDO, and SFSEL must be made at this time.
Failure to condition and hold these inputs at the appropriate logic level for the specified duration during Power Up or
Reset will require a Reset to re-initialize the device.
While the input CS may be conditioned to configure the CPC5750 for the desire companding method, this can be
modified via provisioning once the part becomes active.
Special Notes:
1) SDI and CS are not used in normal operation of the GCI Mode, therefore it is recommended that these
unused inputs be fixed to a stable logic level.
2) For the PCM Mode, SFSEL is an unused input and should be fixed to a stable logic level.
Frequency
Available PCM Time Slots
CPB = 0
(1 Clock per bit)
Available PCM Time Slots
CPB = 1
(2 Clocks per bit)
GCI Frequency
512kHz
84
No
1.024MHz
16
8
No
1.536MHz
24
12
No
2.048MHz
32
16
Yes: 1 Clock per bit
3.072MHz
48
24
No
4.096MHz
64
32
Yes: 2 Clocks per bit
6.144MHz
96
48
No
8.192MHz
128
64
No



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com