Electronic Components Datasheet Search
  English  ▼

X  

CPC5750 Datasheet(PDF) 35 Page - IXYS Corporation

Part # CPC5750
Description  Single-Channel Voice Band CODEC
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

CPC5750 Datasheet(HTML) 35 Page - IXYS Corporation

Back Button CPC5750 Datasheet HTML 29Page - IXYS Corporation CPC5750 Datasheet HTML 30Page - IXYS Corporation CPC5750 Datasheet HTML 31Page - IXYS Corporation CPC5750 Datasheet HTML 32Page - IXYS Corporation CPC5750 Datasheet HTML 33Page - IXYS Corporation CPC5750 Datasheet HTML 34Page - IXYS Corporation CPC5750 Datasheet HTML 35Page - IXYS Corporation CPC5750 Datasheet HTML 36Page - IXYS Corporation CPC5750 Datasheet HTML 37Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 35 / 37 page
background image
PRELIMINARY
INTEGRATED CIRCUITS DIVISION
Rev F
PRELIMINARY
35
CPC5750
7.1 Data Compression/Expansion
The differential analog signal on AIN+/- is converted and filtered as 14-bit data internally. This digital data is
compressed to 8 bits as specified by the ITU G.711 standard before being transmitted in 8-bit words via the PCM bus.
8-bit data received via the PCM interface is decompressed as specified by ITU G.711 to 14-bit data before being
converted to a differential analog signal, and output on the AOUT+/- signals.
7.2 Power On Reset (POR)
The power-on-reset circuit will be active when power is first applied to the device. This power up active reset signal will
go inactive after 20
s nominally. Additionally, a hardware reset pin (RST) is supplied to force an internal reset. The
hardware reset pin is also de-bounced by the same nominal 20
s delay.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com