Electronic Components Datasheet Search
  English  ▼

X  

CPC5750 Datasheet(PDF) 34 Page - IXYS Corporation

Part # CPC5750
Description  Single-Channel Voice Band CODEC
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

CPC5750 Datasheet(HTML) 34 Page - IXYS Corporation

Back Button CPC5750 Datasheet HTML 29Page - IXYS Corporation CPC5750 Datasheet HTML 30Page - IXYS Corporation CPC5750 Datasheet HTML 31Page - IXYS Corporation CPC5750 Datasheet HTML 32Page - IXYS Corporation CPC5750 Datasheet HTML 33Page - IXYS Corporation CPC5750 Datasheet HTML 34Page - IXYS Corporation CPC5750 Datasheet HTML 35Page - IXYS Corporation CPC5750 Datasheet HTML 36Page - IXYS Corporation CPC5750 Datasheet HTML 37Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 34 / 37 page
background image
PRELIMINARY
INTEGRATED CIRCUITS DIVISION
34
PRELIMINARY
Rev F
CPC5750
Table 6:
SPI Timing
Figure 16: 4-Wire SPI
Parameter
Condition
Symbol
Min
Max
Units
Cycle Time
-
tCYCS
250
-
ns
Pulse Width
-
tHI, tLO
50
-
Pulse Edge Rise Time
-
tR
50
Pulse Edge Fall Time
-
tF
50
Data Setup Time
-
tDS
50
-
Data Hold Time
-
tDH
30
-
CS Setup Time, Write
-
tSS
30
-
CS Hold Time, Write
-
tSH
30
-
Read Access Time
CL=100pF
tACCS
-30
Read Output Disable Time
CL=100pF
tOHS
-30
CS
SCLK
SDIN
CS
SCLK
SDIN
CS
SCLK
SDIN
SD0
From
CPC5750
Register
CS
SCLK
SDO
Read Cycle
Read Cycle Timing - Detailed
Write Cycle Timing - Detailed
Write Cycle*
1
0
1
1
00
00
D7
D6
D5
D4
D3
D2
D1
D0
D7
D6
D5
D4
D3
D2
D1
D0
D7
D6
D5
D4
D3
D2
D1
D0
0
0
0
000
11
D7
D0
t
SS
t
R
t
DS
t
F
t
HI
t
LO
t
CYCS
t
DH
t
SH
t
ACCS
t
OHS
*PCLK and FS must be present for SPI Bus write commands.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com