Electronic Components Datasheet Search
  English  ▼

X  

CPC5750 Datasheet(PDF) 11 Page - IXYS Corporation

Part # CPC5750
Description  Single-Channel Voice Band CODEC
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

CPC5750 Datasheet(HTML) 11 Page - IXYS Corporation

Back Button CPC5750 Datasheet HTML 7Page - IXYS Corporation CPC5750 Datasheet HTML 8Page - IXYS Corporation CPC5750 Datasheet HTML 9Page - IXYS Corporation CPC5750 Datasheet HTML 10Page - IXYS Corporation CPC5750 Datasheet HTML 11Page - IXYS Corporation CPC5750 Datasheet HTML 12Page - IXYS Corporation CPC5750 Datasheet HTML 13Page - IXYS Corporation CPC5750 Datasheet HTML 14Page - IXYS Corporation CPC5750 Datasheet HTML 15Page - IXYS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 37 page
background image
PRELIMINARY
INTEGRATED CIRCUITS DIVISION
Rev F
PRELIMINARY
11
CPC5750
2.1 Mode Control Register
This register allows the programmable control of the Companding, analog and digital loop backs for debug testing,
Power Down mode, and custom control of the PCM interface.
2.1.1 Companding (bit 7)
This bit determines the data compression method to be used. The value of this bit during Power Up or Reset is
determined by the level on CS (pin 7) when the chip reset goes inactive. During either of these events the logical
level on CS must be maintained for a minimum duration of 40
s. For Power Up, the hold time begins with a valid
VDD level and a logic high at RST (pin 4). For an external reset (RST = 0) the hold time begins with a logic high at
RST. Once active, this bit can be modified using the SPI interface (PCM Mode) or the GCI link (IOM-2 GCI Mode).
The bit values to set the compression method are:
Logic '0':
-law
Logic '1': A-law
2.1.2 ALB (bit 5)
The Analog Loop Back (ALB) bit is used to test the analog interface of the CPC5750 by connecting the output of
the analog input amplifier to the input of the analog output amplifier. To prevent received digital information from
interfering with the test, the connection between the DAC and the input of the analog output amplifier is opened.
This provides an all-analog test path from the AIN+ and AIN- inputs to the AOUT+ and AOUT- outputs. Additionally
the analog to digital transmit path remains intact, allowing the means to monitor the analog input gain. The bit
values to activate and de-activate the Analog Loop Back are:
Logic '0': Normal Operation (Analog Loop Back disabled)
Logic '1': Analog Loop Back Mode
2.1.3 DLB (bit 4)
The Digital Loop Back (DLB) bit is used to test the digital interfaces, (PCM or GCI) and the DSP sections of the
CPC5750 by separating the transmit path analog input section and ADC from the transmit DSP section and
connecting the digital output of the receive path DSP to the digital input of the transmit path DSP. This provides an
all-digital test path through the receive path’s DAC filters and Noise Shaper and back out through ADC digital
filters. The DLB configuration retains the connection between the receive path’s digital and analog sections
providing the means to monitor the converted receive digital signal at the AOUT+ and AOUT- analog outputs. The
bit values to control the Digital Loop Back function are:
Logic '0': Normal Operation (Digital Loop Back disabled)
Logic '1': Digital Loop Back Mode
2.1.4 PD (bit 3)
The Power-Down (PD) bit is used to put the CPC5750 in a standby mode where it draws very little current.
Logic '0': Normal Operation
Logic '1': Device is Powered Down. The SPI bus interface (PCM Mode) and GCI link (GCI Mode)
are still functional to allow enabling the part. The GCI interface will draw current if clocked
externally. In PCM Mode, DTX is set to high impedance (Hi-Z).
Register
7
6
5
4
3
2
1
0
Address
Mode Control
Companding
Not Used
ALB
DLB
PD
CPB
TXZ
TM
0x0
Default
(CS Level at Reset)
0001000
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com