Electronic Components Datasheet Search
  English  ▼

X  

CPC5750 Datasheet(PDF) 7 Page - IXYS Corporation

Part # CPC5750
Description  Single-Channel Voice Band CODEC
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

CPC5750 Datasheet(HTML) 7 Page - IXYS Corporation

Back Button CPC5750 Datasheet HTML 3Page - IXYS Corporation CPC5750 Datasheet HTML 4Page - IXYS Corporation CPC5750 Datasheet HTML 5Page - IXYS Corporation CPC5750 Datasheet HTML 6Page - IXYS Corporation CPC5750 Datasheet HTML 7Page - IXYS Corporation CPC5750 Datasheet HTML 8Page - IXYS Corporation CPC5750 Datasheet HTML 9Page - IXYS Corporation CPC5750 Datasheet HTML 10Page - IXYS Corporation CPC5750 Datasheet HTML 11Page - IXYS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 37 page
background image
PRELIMINARY
INTEGRATED CIRCUITS DIVISION
Rev F
PRELIMINARY
7
CPC5750
1.8 Transmit Path: Analog Inputs (AIN+ and AIN-) to Digital Output (DTX) - AC Characteristics
Parameter
Conditions
Symbol
Minimum
Typical
Maximum
Units
Gain
Absolute
0 dBm0, 1020 Hz
-
-0.3
-
0.3
dB
Variation with Frequency (Frequency Response)
Relative to 0 dBm0, 1020 Hz
< 60 Hz
-
--
- 29
dB
< 200 Hz
--
0
200 Hz to 300 Hz
-
-
0.25
300 Hz to 3000 Hz
-0.25
-
0.25
3000 Hz to 3400 Hz
- 0.9
-
0.25
3400 Hz to 3600 Hz
-
-
0.25
3600 Hz to 4600 Hz
--
0
> 4.6kHz
--
- 25
Variation with Signal Level (Amplitude Tracking)
Relative to 0 dBm0, 1020Hz
+3 dBm0 to -40 dBm0
dB
-40 dBm0 to -50 dBm0
-50 dBm0 to -55 dBm0
Idle Channel Noise
C Message Weighted,
-law
Transmit Gain = 0dB
-
-
12
dBrnC0
P Message Weighted, A-law
--
dBm0p
Signal to Total Distortion
3.2 dBm0
-
30
-
-
dB
0dBm0 to -30dBm0
36
-
-
- 40 dBm0
30
-
-
- 45 dBm0
25
-
-
Single Frequency Distortion:
Receive any single frequency distortion product.
Any frequency 300 Hz
to 3400 Hz
-46
dB
Intermodulation Distortion
300 Hz to 3400 Hz,
any two frequencies.
-41
dB
Envelope Delay Distortion
Absolute
1600 Hz
315
s
Variation with Frequency
Relative to 1600 Hz
500 Hz to 600 Hz
210
s
600 Hz to 800 Hz
130
800 Hz to 1000 Hz
70
1000 Hz to 1600 Hz
35
1600 Hz to 2600 Hz
70
2600 Hz to 2800 Hz
95
2800 Hz to 3000 Hz
145
Crosstalk - Receive Path to Transmit Path
0dBm0,
300 Hz to 3400 Hz,
-75
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com