Electronic Components Datasheet Search
  English  ▼

X  

CPC5750 Datasheet(PDF) 5 Page - IXYS Corporation

Part # CPC5750
Description  Single-Channel Voice Band CODEC
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

CPC5750 Datasheet(HTML) 5 Page - IXYS Corporation

  CPC5750 Datasheet HTML 1Page - IXYS Corporation CPC5750 Datasheet HTML 2Page - IXYS Corporation CPC5750 Datasheet HTML 3Page - IXYS Corporation CPC5750 Datasheet HTML 4Page - IXYS Corporation CPC5750 Datasheet HTML 5Page - IXYS Corporation CPC5750 Datasheet HTML 6Page - IXYS Corporation CPC5750 Datasheet HTML 7Page - IXYS Corporation CPC5750 Datasheet HTML 8Page - IXYS Corporation CPC5750 Datasheet HTML 9Page - IXYS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 37 page
background image
PRELIMINARY
INTEGRATED CIRCUITS DIVISION
Rev F
PRELIMINARY
5
CPC5750
1.6 Analog Interface Characteristics
1 Not tested, guaranteed by design. Power supply rejection is evaluated for sample parts.
Parameter
Conditions
Symbol
Minimum
Typical
Maximum
Units
Inputs
Input Offset Voltage: AIN+ and AIN-
PD = 0
VIN
½ VCC
V
PD = 1
0
Input Impedance
Differential
-
RAIN+/-
160
200
240
k
Input to Ground (VEE)
-
RAIN
-
100
-
k
Maximum Differential Input Signal
Referenced to
600
-
--
+8
dBm
Differential Common Mode Rejection Ratio
Relative to
-26dBm0,
0 to 3.6kHz
-
60
-
-
dB
Differential Power Supply Rejection Ratio 1
RAIN+/- = Open
0 to 3.6kHz
-
60
dB
Outputs
Output Offset Voltage: AOUT+ and AOUT-
PD = 0, MUTE = x
VOUT
½ VCC
V
PD = 1
0
Output drive
RL = 500
3.2
mAp
Maximum Output Signal
Referenced to
600
---
3.2
dBm
Differential Load Impedance
-
-
500
600
-
Load Capacitance
Differential
-
CLD
-
-
250
pF
To GND
-
CL
--
50
pF
Differential Power Supply Rejection Ratio 1
0 to 3.6kHz
-60-
-
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com