Electronic Components Datasheet Search
  English  ▼

X  

ADF4196 Datasheet(PDF) 4 Page - Analog Devices

Part # ADF4196
Description  Low Phase Noise, Fast Settling, 6 GHz PLL Frequency Synthesizer
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4196 Datasheet(HTML) 4 Page - Analog Devices

  ADF4196 Datasheet HTML 1Page - Analog Devices ADF4196 Datasheet HTML 2Page - Analog Devices ADF4196 Datasheet HTML 3Page - Analog Devices ADF4196 Datasheet HTML 4Page - Analog Devices ADF4196 Datasheet HTML 5Page - Analog Devices ADF4196 Datasheet HTML 6Page - Analog Devices ADF4196 Datasheet HTML 7Page - Analog Devices ADF4196 Datasheet HTML 8Page - Analog Devices ADF4196 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
ADF4196
Data Sheet
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
SW1, SW2, AND SW3
On Resistance
SW1 and SW2
65
Ω
SW3
75
Ω
NOISE CHARACTERISTICS
Output
900 MHz2
−108
dBc/Hz
At 5 kHz offset and 26 MHz PFD frequency
1800 MHz3
−102
dBc/Hz
At 5 kHz offset and 13 MHz PFD frequency
Phase Noise
Normalized Phase Noise Floor
(PN
SYNTH)
4
−216
dBc/Hz
At VCO output with dither off, PLL loop
bandwidth = 500 kHz
Normalized 1/f Noise (PN
1_f)
5
−110
dBc/Hz
Measured at 10 kHz offset, normalized to 1 GHz
1 Choose a prescaler value that ensures that the frequency on the RF input is less than the maximum allowable prescaler frequency (750 MHz).
2 f
REFIN = 26 MHz; fSTEP = 200 kHz; fRF = 900 MHz; loop bandwidth = 40 kHz.
3 f
REFIN = 13 MHz; fSTEP = 200 kHz; fRF = 1800 MHz; loop bandwidth = 60 kHz.
4 The synthesizer phase noise floor is estimated by measuring the in-band phase noise at the output of the VCO and subtracting 20 log(N) (where N is the N divider
value) and 10 log(fPFD). PNSYNTH = PNTOT − 10 log(fPFD) − 20 log(N).
5 The PLL phase noise is composed of 1/f (flicker) noise plus the normalized PLL noise floor. The formula for calculating the 1/f noise contribution at an RF frequency,
fRF, and at an offset frequency, f, is given by PN = P1_f+ 10 log(10 kHz/f) + 20 log(fRF/1 GHz). Both the normalized phase noise floor and flicker noise are modeled in
ADIsimPLL™.
TIMING CHARACTERISTICS
AVDD = DVDD1, DVDD2, DVDD3 = 3 V ± 10%; VP1, VP2 = 5 V ± 10%; VP3 = 5.35 V ± 5%; AGND1, AGND2 = DGND1, DGND2, DGND3 = 0 V;
RSET = 2.4 kΩ; dBm referred to 50 Ω; TA = TMIN to TMAX, unless otherwise noted. Operating temperature = −40°C to +85°C.
Table 2.
Parameter
Limit
Description
t
1
10 ns min
LE setup time
t
2
10 ns min
DATA to CLK setup time
t
3
10 ns min
DATA to CLK hold time
t
4
15 ns min
CLK high duration
t
5
15 ns min
CLK low duration
t
6
10 ns min
CLK to LE setup time
t
7
15 ns min
LE pulse width
Timing Diagram
Figure 2. Timing Diagram
CLK
DATA
DB23
(MSB)
DB22
DB1 (LSB)
(CONTROL BIT C2)
DB2 (LSB)
(CONTROL BIT C3)
DB0 (LSB)
(CONTROL BIT C1)
LE
LE
t2
t4
t5
t3
t7
t6
t1
Rev. D | Page 4 of 28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com