Electronic Components Datasheet Search
  English  ▼

X  

ADF4196 Datasheet(PDF) 8 Page - Analog Devices

Part # ADF4196
Description  Low Phase Noise, Fast Settling, 6 GHz PLL Frequency Synthesizer
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4196 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADF4196 Datasheet HTML 4Page - Analog Devices ADF4196 Datasheet HTML 5Page - Analog Devices ADF4196 Datasheet HTML 6Page - Analog Devices ADF4196 Datasheet HTML 7Page - Analog Devices ADF4196 Datasheet HTML 8Page - Analog Devices ADF4196 Datasheet HTML 9Page - Analog Devices ADF4196 Datasheet HTML 10Page - Analog Devices ADF4196 Datasheet HTML 11Page - Analog Devices ADF4196 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
ADF4196
Data Sheet
TYPICAL PERFORMANCE CHARACTERISTICS
Figure 4. S-Parameter Data for the RF Input
Figure 5. Single-Sideband (SSB) Phase Noise Plot at 1092.8 MHz
(GSM900 Rx Setup) vs. Free Running VCO Noise
Figure 6. 400 kHz Fractional Spur Levels Across All DCS1800 Tx Channels
over Two Integer Multiples of the PFD Reference
Figure 7. RF Input (RFIN) Sensitivity
Figure 8. Single-Sideband (SSB) Phase Noise Plot at 1842.6 MHz
(DCS1800 Tx Setup)
Figure 9. 600 kHz Fractional Spur Levels Across All DCS1800 Tx Channels over
Two Integer Multiples of the PFD Reference
FREQ. UNIT
GHz KEYWORD
R
PARAM TYPE S
IMPEDANCE 50
DATA FORMAT
MA
FREQ.
MAGS11
ANGS11
0.5
0.8897
–16.6691
0.6
0.87693
–19.9279
0.7
0.85834
–23.561
0.8
0.85044
–26.9578
0.9
0.83494
–30.8201
1.0
0.81718
–34.9499
1.1
0.80229
–39.0436
1.2
0.78917
–42.3623
1.3
0.77598
–46.322
1.4
0.75578
–50.3484
1.5
0.74437
–54.3545
1.6
0.73821
–57.3785
1.7
0.7253
–60.695
1.8
0.71365
–63.9152
1.9
0.70699
–66.4365
2.0
0.7038
–68.4453
2.1
0.69284
–70.7986
2.2
0.67717
–73.7038
FREQ.
MAGS11
ANGS11
2.3
0.67107
–75.8206
2.4
0.66556
–77.6851
2.5
0.6564
–80.3101
2.6
0.6333
–82.5082
2.7
0.61406
–85.5623
2.8
0.5977
–87.3513
2.9
0.5655
–89.7605
3.0
0.5428
–93.0239
3.1
0.51733
–95.9754
3.2
0.49909
–99.1291
3.3
0.47309
–102.208
3.4
0.45694
–106.794
3.5
0.44698
–111.659
3.6
0.43589
–117.986
3.7
0.42472
–125.62
3.8
0.41175
–133.291
3.9
0.41055
–140.585
4.0
0.40983
–147.97
FREQUENCY (Hz)
1k
10k
100k
1M
10M
–170
–160
–150
–140
–130
–120
–110
–100
–90
–80
–70
–60
–50
–40
–30
100M
GSM900 Rx SETUP, 40kHz LOOP BW, DITHER OFF
RF = 1092.8MHz,
fREF = 26MHz, MOD = 130
N = 42 4/130
INTEGER BOUNDARY SPUR: –103dBc @ 800kHz
FREQUENCY (MHz)
1846
1859
–120
–110
–100
–90
–80
–70
–60
1872
400kHz SPURS @ 25°C
400kHz SPURS @ 85°C
DCS1800 Tx SETUP WITH DITHER OFF,
60kHz LOOP BW, 13MHz PFD.
MEASURED ON EVAL-ADF4193EBZ1 BOARD
FREQUENCY (GHz)
0
1
2
3
4
–30
–25
–20
–15
–10
–5
0
5
10
7
6
5
4/5 PRESCALER 8/9 PRESCALER
FREQUENCY (Hz)
1k
10k
100k
1M
10M
–170
–160
–150
–140
–130
–120
–110
–100
–90
–80
–70
–60
–50
–40
–30
100M
DCS1800 Tx SETUP, 60kHz LOOP BW, DITHER OFF
RF = 1842.6MHz,
fREF = 13MHz, MOD = 65
DSB INTEGRATED PHASE ERROR = 0.46° RMS
SIRENZA 1843T VCO
FREQUENCY (MHz)
1846
1859
–120
–110
–100
–90
–80
–70
–60
1872
600kHz SPURS @ 25°C
600kHz SPURS @ 85°C
DCS1800 Tx SETUP WITH DITHER OFF,
60kHz LOOP BW, 13MHz PFD.
MEASURED ON EVAL-ADF4193EBZ1 BOARD
Rev. D | Page 8 of 28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com