Electronic Components Datasheet Search
  English  ▼

X  

ADF4196 Datasheet(PDF) 5 Page - Analog Devices

Part # ADF4196
Description  Low Phase Noise, Fast Settling, 6 GHz PLL Frequency Synthesizer
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4196 Datasheet(HTML) 5 Page - Analog Devices

  ADF4196 Datasheet HTML 1Page - Analog Devices ADF4196 Datasheet HTML 2Page - Analog Devices ADF4196 Datasheet HTML 3Page - Analog Devices ADF4196 Datasheet HTML 4Page - Analog Devices ADF4196 Datasheet HTML 5Page - Analog Devices ADF4196 Datasheet HTML 6Page - Analog Devices ADF4196 Datasheet HTML 7Page - Analog Devices ADF4196 Datasheet HTML 8Page - Analog Devices ADF4196 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
Data Sheet
ADF4196
ABSOLUTE MAXIMUM RATINGS
TA = 25°C, unless otherwise noted.
Table 3.
Parameter
Rating
AV
DD to Ground
−0.3 V to +3.6 V
AV
DD to DVDD1, DVDD2, DVDD3, SDVDD
−0.3 V to +0.3 V
V
P1, VP2, VP3 to Ground
−0.3 V to +5.8 V
V
P1, VP2, VP3 to AVDD
−0.3 V to +5.8 V
Digital I/O Voltage to Ground
−0.3 V to V
DD + 0.3 V
Analog I/O Voltage to Ground
−0.3 V to V
P1, VP2, VP3 + 0.3 V
REF
IN, RFIN+, RFIN− to Ground
−0.3 V to V
DD + 0.3 V
Operating Temperature Range
Industrial
−40°C to +85°C
Storage Temperature Range
−65°C to +125°C
Maximum Junction Temperature
150°C
Reflow Soldering
Peak Temperature
260°C
Time at Peak Temperature
40 sec
Stresses at or above those listed under Absolute Maximum
Ratings may cause permanent damage to the product. This is a
stress rating only; functional operation of the product at these
or any other conditions above those indicated in the operational
section of this specification is not implied. Operation beyond
the maximum operating conditions for extended periods may
affect product reliability.
This device is a high performance RF integrated circuit with
an ESD rating of <2 kV, and it is ESD sensitive. Take proper
precautions for handling and assembly.
THERMAL RESISTANCE
θJA is specified for the worst-case conditions, that is, a device
soldered in a circuit board for surface-mount packages.
Table 4. Thermal Resistance
Package Type
θ
JA
Unit
32-Lead LFCSP (Paddle Soldered)
27.3
°C/W
TRANSISTOR COUNT
This device includes 75,800 metal oxide semiconductors (MOS)
and 545 bipolar junction transistors (BJT).
ESD CAUTION
Rev. D | Page 5 of 28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com