Electronic Components Datasheet Search
  English  ▼

X  

ADF4196 Datasheet(PDF) 9 Page - Analog Devices

Part # ADF4196
Description  Low Phase Noise, Fast Settling, 6 GHz PLL Frequency Synthesizer
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4196 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADF4196 Datasheet HTML 5Page - Analog Devices ADF4196 Datasheet HTML 6Page - Analog Devices ADF4196 Datasheet HTML 7Page - Analog Devices ADF4196 Datasheet HTML 8Page - Analog Devices ADF4196 Datasheet HTML 9Page - Analog Devices ADF4196 Datasheet HTML 10Page - Analog Devices ADF4196 Datasheet HTML 11Page - Analog Devices ADF4196 Datasheet HTML 12Page - Analog Devices ADF4196 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
Data Sheet
ADF4196
Figure 10. VTUNE Settling Transient for a 75 MHz Jump from 1818 MHz to
1893 MHz with Sirenza 1843T VCO
Figure 11. Phase Settling Transient for a 75 MHz Jump from 1818 MHz to
1893 MHz (VTUNE = 1.8 V to 3.7 V with Sirenza 1843T VCO)
Figure 12. Differential Charge Pump Output Compliance Range and
Charge Pump Mismatch with VP1 = VP2 = 5 V
Figure 13. VTUNE Settling Transient for a 75 MHz Jump Down from 1893 MHz
to 1818 MHz (Bottom of Allowed Tuning Range) with Sirenza 1843T VCO
Figure 14. Phase Settling Transient for a 75 MHz Jump Down from 1893 MHz
to 1818 MHz (VTUNE = 3.7 V to 1.8 V with Sirenza 1843T VCO)
Figure 15. Tuning Range with a Sirenza 1843T VCO and a 5.5 V Differential
Amplifier Power Supply Voltage
TIME (µs)
–1
0
1
2
3
4
5
9
8
7
6
5
4
3
2
1
0
VTUNE
CPOUT+
CPOUT–
DCS1800 Tx SETUP, 60kHz LOOP BW.
MEASURED ON EVAL-ADF4193EBZ1
EVALUATION BOARD.
TIMERS: ICP = 28, SW1/SW2, SW3 = 35.
FREQUENCY LOCK IN WIDE BW MODE @ 4µs.
TIME (µs)
–5
0
5
10
15
20
25
30
35
40
–50
50
40
30
20
10
0
–10
–20
–30
–40
45
+25°C
+85°C
–40°C
DCS1800 Tx SETUP, 60kHz LOOP BW.
MEASURED ON EVAL-ADF4193EBZ1
EVALUATION BOARD WITH AD8302
PHASE DETECTOR.
TIMERS: ICP = 28, SW1/SW2, SW3 = 35.
PEAK PHASE ERROR < 5° @ 17.8µs
CPOUT + / CPOUT – VOLTAGE (V)
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
–8
–6
–4
–2
0
2
4
6
8
–2.0
–1.5
–1.0
–0.5
0
0.5
1.0
1.5
2.0
5.0
ICPOUT + P, ICPOUT – P
CHARGE PUMP MISMATCH (%)
NORMAL OPERATING RANGE
ICPOUT + N, ICPOUT – N
IUP = | ICPOUT + P | + | ICPOUT – N |
IDOWN = | ICPOUT – P | + | ICPOUT + N |
TIME (µs)
–1
0
1
2
3
4
5
9
8
7
6
5
4
3
2
1
0
VTUNE
CPOUT–
CPOUT+
DCS1800 Tx SETUP, 60kHz LOOP BW.
MEASURED ON EVAL-ADF4193EBZ1
EVALUATION BOARD.
TIMERS: ICP = 28, SW1/SW2, SW3 = 35.
FREQUENCY LOCK IN WIDE BW MODE @ 5µs.
TIME (µs)
–5
0
5
10
15
20
25
30
35
40
–50
50
40
30
20
10
0
–10
–20
–30
–40
45
+25°C
+85°C
–40°C
DCS1800 Tx SETUP, 60kHz LOOP BW.
MEASURED ON EVAL-ADF4193EBZ1
EVALUATION BOARD WITH AD8302
PHASE DETECTOR.
TIMERS: ICP = 28, SW1/SW2, SW3 = 35.
PEAK PHASE ERROR < 5° @ 19.2µs
FREQUENCY (MHz)
1780
1800
1820
1840
1860
1880
1900
1920
1940
0
2
1
3
4
5
VP1 = VP2 = 5V
VP3 = 5.5V
VCMR = 3.3V
CPOUT– (= AIN–)
AOUT (= VTUNE)
CPOUT+ (= AIN+)
Rev. D | Page 9 of 28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com